Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250 Datasheet(PDF) 108 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 104Page - STMicroelectronics SN250 Datasheet HTML 105Page - STMicroelectronics SN250 Datasheet HTML 106Page - STMicroelectronics SN250 Datasheet HTML 107Page - STMicroelectronics SN250 Datasheet HTML 108Page - STMicroelectronics SN250 Datasheet HTML 109Page - STMicroelectronics SN250 Datasheet HTML 110Page - STMicroelectronics SN250 Datasheet HTML 111Page - STMicroelectronics SN250 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 130 page
background image
Functional description—application modules
SN250
108/130
7.5
ADC module
The ADC is a first-order sigma-delta converter sampling at 1MHz with programmable
resolution and conversion rate. The conversion rate is programmed by setting the
ADC_RATE
bits in the ADC_CFG register.
The analog input of the ADC can be chosen from various sources and is configured with the
ADC_SEL
bits in the ADC_CFG register. As described in Table 34, the ADC inputs can be
single-ended (routed individually to ADC0, ADC1, ADC2, or ADC3) or differential (routed to
pairs ADC0-ADC1 and ADC2-ADC3). For selecting alternate pin functions, refer to Table 17
and Table 18.
Setting the ADC_EN bit in the ADC_CFG register will cause the ADC to immediately begin
conversions. The ADC will continually generate conversions until the ADC_EN bit is cleared.
When each conversion completes, an INT_ADC interrupt is generated. In order for this to
interrupt the CPU the interrupt mask INT_ADC must be enabled in the INT_CFG register.
The INT_ADC interrupt is the only means for determining when a conversion completes.
After each INT_ADC interrupt, the INT_ADC interrupt bit must be cleared to detect
completion of the next conversion.
Table 33.
ADC conversion rate
ADC_RATE[2:0]
Conversion Time
Equivalent ADC Bits
032
μs
5, located in ADC_DATA[15:11]
164
μs
6, located in ADC_DATA[15:10]
2
128
μs
7, located in ADC_DATA[15:9]
3
256
μs
8, located in ADC_DATA[15:8]
4
512
μs
9, located in ADC_DATA[15:7]
5
1024
μs
10, located in ADC_DATA[15:6]
6
2048
μs
11, located in ADC_DATA[15:5]
7
4096
μs
12, located in ADC_DATA[15:4]
Table 34.
ADC inputs
ADC_SEL[3:0]
Analog Source of ADC
GPIO Pin
Purpose
0
ADC0
4
Single-ended
1
ADC1
5
Single-ended
2
ADC2
6
Single-ended
3
ADC3
7
Single-ended
4
(1/4) * VDD_PADS (2.1–3.6V pad supply)
Supply monitoring
5
(1/2) * VDD (1.8V core supply)
Supply monitoring
6
RESERVED
7
VSS (0V)
Calibration
8
VREF
8
Calibration
9
ADC0–ADC1
4–5
Differential
10
ADC2–ADC3
6–7
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com