Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 9Page - STMicroelectronics SN250 Datasheet HTML 10Page - STMicroelectronics SN250 Datasheet HTML 11Page - STMicroelectronics SN250 Datasheet HTML 12Page - STMicroelectronics SN250 Datasheet HTML 13Page - STMicroelectronics SN250 Datasheet HTML 14Page - STMicroelectronics SN250 Datasheet HTML 15Page - STMicroelectronics SN250 Datasheet HTML 16Page - STMicroelectronics SN250 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
SN250
Top-level functional description
13/130
the protocol timing requirements. In addition, it provides timer and synchronization
assistance for the IEEE 802.15.4 CSMA-CA algorithm.
The SN250 integrates hardware support for a Packet Trace module, which allows robust
packet-based debug. This element is a critical component of InSight Desktop, the software
IDE developed by Ember Corporation, providing advanced network debug capability when
coupled with the InSight Adapter.
The SN250 integrates a 16-bit XAP2b microprocessor developed by Cambridge
Consultants Ltd. This power-efficient, industry-proven core provides the appropriate level of
processing power to meet the needs of ZigBee applications. In addition, 128KB of Flash and
5KB of SRAM comprise the program and data memory elements, respectively. The SN250
employs a configurable memory protection scheme usually found on larger microcontrollers.
In addition, the SIF module provides a non-intrusive programming and debug interface
allowing for real-time application debugging.
The SN250 contains 17 GPIO pins shared with other peripheral (or alternate) functions.
Flexible routing within the SN250 lets external devices utilize the alternate functions on a
variety of different GPIOs. The integrated Serial Controller SC1 can be configured for SPI
(master-only), I2C (master-only), or UART functionality, and the Serial Controller SC2 can
be configured for SPI (master or slave) or I2C (master-only) operation.
The SN250 has an ADC integrated which can sample analog signals from four GPIO pins
single-ended or differentially. In addition, the unregulated voltage supply VDD_PADS,
regulated supply VDD_PADSA, voltage reference VREF, and GND can be sampled. The
integrated voltage reference VREF for the ADC can be made available to external circuitry.
The integrated voltage regulator generates a regulated 1.8V reference voltage from an
unregulated supply voltage. This voltage is decoupled and routed externally to supply the
1.8V to the core logic. In addition, an integrated POR module allows for the proper cold start
of the SN250.
The SN250 contains one high-frequency (24MHz) crystal oscillator and, for low-power
operation, a second low-frequency oscillator (either an internal 10kHz RC oscillator or an
external 32.768kHz crystal oscillator).
The SN250 contains two power domains. The always-powered High Voltage Supply is used
for powering the GPIO pads and critical chip functions. The rest of the chip is powered by a
regulated Low Voltage Supply which can be disabled during deep sleep to reduce the power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com