Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 17Page - STMicroelectronics SN250 Datasheet HTML 18Page - STMicroelectronics SN250 Datasheet HTML 19Page - STMicroelectronics SN250 Datasheet HTML 20Page - STMicroelectronics SN250 Datasheet HTML 21Page - STMicroelectronics SN250 Datasheet HTML 22Page - STMicroelectronics SN250 Datasheet HTML 23Page - STMicroelectronics SN250 Datasheet HTML 24Page - STMicroelectronics SN250 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
SN250
Functional description—system modules
21/130
6.2
Transmit (TX) path
The SN250 transmitter utilizes both analog circuitry and digital logic to produce the O-QPSK
modulated signal. The area-efficient TX architecture directly modulates the spread symbols
prior to transmission. The differential signal paths increase noise immunity and provide a
common interface for the external balun.
6.2.1
TX baseband
The SN250 TX baseband (within the digital domain) performs the spreading of the 4-bit
symbol into its IEEE 802.15.4-2003-defined 32-chip I and Q sequence. In addition, it
provides the interface for software to perform the calibration of the TX module in order to
reduce process, temperature, and voltage variations.
6.2.2
TX_ACTIVE signal
Even though the SN250 provides an output power suitable for most ZigBee applications,
some applications will require an external power amplifier (PA). Due to the timing
requirements of IEEE 802.15.4-2003, the SN250 provides a signal, TX_ACTIVE, to be used
for external PA power management and RF Switching logic. When in TX, the TX Baseband
drives TX_ACTIVE high (as described in Table 6). When in RX, the TX_ACTIVE signal is
low. If an external PA is not required, then the TX_ACTIVE signal should be connected to
GND through a 100 k
Ω resistor, as shown in the application circuit in Figure 16.
6.3
Integrated MAC module
The SN250 integrates critical portions of the IEEE 802.15.4-2003 MAC requirements in
hardware. This allows the microcontroller to provide greater bandwidth to application and
network operations. In addition, the hardware acts as a first-line filter for non-intended
packets. The SN250 MAC utilizes a DMA interface to RAM memory to further reduce the
overall microcontroller interaction when transmitting or receiving packets.
When a packet is ready for transmission, the software configures the TX MAC DMA by
indicating the packet buffer RAM location. The MAC waits for the backoff period, then
transitions the baseband to TX mode and performs channel assessment. When the channel
is clear, the MAC reads data from the RAM buffer, calculates the CRC, and provides 4-bit
symbols to the baseband. When the final byte has been read and sent to the baseband, the
CRC remainder is read and transmitted.
Table 10.
CCA Mode Behavior
CCA Mode
Mode Behavior
0
Clear channel reports busy medium if either carrier sense OR RSSI exceeds their
thresholds.
1
Clear channel reports busy medium if RSSI exceeds its threshold.
2
Clear channel reports busy medium if carrier sense exceeds its threshold.
3
Clear channel reports busy medium if both RSSI AND carrier sense exceed their
thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com