Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HC5503
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HC5503 Datasheet HTML 7Page - Renesas Technology Corp HC5503 Datasheet HTML 8Page - Renesas Technology Corp HC5503 Datasheet HTML 9Page - Renesas Technology Corp HC5503 Datasheet HTML 10Page - Renesas Technology Corp HC5503 Datasheet HTML 11Page - Renesas Technology Corp HC5503 Datasheet HTML 12Page - Renesas Technology Corp HC5503 Datasheet HTML 13Page - Renesas Technology Corp HC5503 Datasheet HTML 14Page - Renesas Technology Corp HC5503 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 11 of 17
June 2004
value of 0.633 plus the feedback which is 1/4 TX (for matching
to a 600
 load, reference Equation 8).
The voltage at Rx is calculated in Equation 25.
Substituting the values for TX and RX into Equation 24 and
setting them equal to each other, the values of R3 and R4 can
then be determined.
Setting the value of R3 to 150ksets the value of R4 to be
200k
.
Notice that the input voltage for the incoming signal (I1) is
taken at RX, instead of the conventional method at the CODEC
(point A, Figure 6). This alternative method is used because
the tolerance effects of R1 on the transhybrid balance are
eliminated.
Power Denial (PD)
Power denial limits power to the subscriber loop: it does not
power down the SLIC, i.e., the SLIC will still consume its
normal on-hook quiescent power during a power denial period.
This function is intended to “isolate” from the battery, under
processor control, selected subscriber loops during an
overload or similar fault status.
If PD is selected, the logic circuitry inhibits RC and switches in a
current source to C1. The capacitor charges up to a nominal -
3.5V at which point it is clamped. Since tip feed is always at -4V,
the battery feed across the loop is essentially zero, and
minimum loop power will be dissipated if the circuit goes off-
hook. No signaling functions are available during this mode.
After power denial is released (PD = 1), it will be several
hundred milliseconds (300ms) before the VRF output reaches
its nominal battery setting. This is due to the RC time constant
of R21 and C1.
The Logic Network
The logic network utilizes I2L logic. All external inputs and
outputs are LS TTL compatible: the relay driver is an open
collector output that can sink 60mA with a VCE of 1V.
Figure 9 is a schematic of the combination logic within the
network. The external inputs RC (Relay Control) and PD
(Power Denial) allow the switch controller to ring the line or
deny power to the loop, respectively. The Ring
Synchronization input (RS) facilitates switching of the ring relay
near a ring current zero crossing in order to minimize inductive
kickback from the telephone ringer.
Line Fault Protection
The subscriber loop can exist in a very hostile electrical
environment. It is often in close proximity to very high voltage
power lines, and can be subjected to lightning induced voltage
surges. The SLIC has to provide isolation between the
subscriber loop and the PBX/Key telephone system.
The most stringent line fault condition that the SLIC has to
withstand is that of the lightning induced surge.
The Intersil monolithic SLIC, in conjunction with a simple low
cost diode bridge, can achieve up to 450V of isolation between
the loop and switch. The level of isolation is a function of the
packaging technology and geometry together with the chip
layout geometries. One of the principal reasons for using DI
technology for fabricating the SLIC is that it lends itself most
readily to manufacturing monolithic circuits for high voltage
applications.
Figures 10 shows the application circuit for the HC5503. A
secondary protection diode bridge is indicated which protects
the feed amplifiers during a fault. Most line systems will have
primary protection networks. They often take the form of a
carbon block or arc discharge device. These limit the fault
voltage to less than 450V peak before it reaches the line cards.
Thus when a transient high voltage fault has occurred, it will be
transmitted as a wave front down the line. The primary
protection network must limit the voltage to less than
450V.
The attenuated wave front will continue down the line
towards the SLIC. The feed amplifier outputs appear to the
surge as very low impedance paths to the system battery.
Once the surge reaches the feed resistors, fault current will
flow into or out of the feed amplifier output stages until the
relevant protection diodes switch on. Once the necessary
diodes have started to conduct all the fault current will be
handled by them.
If the user wishes to characterize SLIC devices under simulated
high voltage fault conditions on the bench, he should ensure that
the negative battery power supply has sufficient current capability
to source the negative peak fault current and low series
inductance. If this is not the case, then the battery supply could
be pulled more negative and destroy the SLIC if the total (VCC +
VBAT) voltage across it exceeds 75V.
RX
0.633 1
4
--- 0.633

–
0.474
==
(EQ. 25)
0.633
R4
---------------
0.474
R3
---------------
=
(EQ. 26)
RX
TX
CODEC/
FILTER
I1
I2
V0
+
-
VIN
+
-
+
-
FIGURE 6. TRANSHYBRID CIRCUIT
R1
R3
R4
R5
R2
A
150k
200k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com