Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HC5503
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HC5503 Datasheet HTML 9Page - Renesas Technology Corp HC5503 Datasheet HTML 10Page - Renesas Technology Corp HC5503 Datasheet HTML 11Page - Renesas Technology Corp HC5503 Datasheet HTML 12Page - Renesas Technology Corp HC5503 Datasheet HTML 13Page - Renesas Technology Corp HC5503 Datasheet HTML 14Page - Renesas Technology Corp HC5503 Datasheet HTML 15Page - Renesas Technology Corp HC5503 Datasheet HTML 16Page - Renesas Technology Corp HC5503 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 15 of 17
June 2004
Overvoltage Protection and Longitudinal
Current Protection
The SLIC device, in conjunction with an external protection
bridge, will withstand high voltage lightning surges and power
line crosses.
High voltage surge conditions are as specified in Table 1.
The SLIC will withstand longitudinal currents up to a maximum
or 10mARMS, 5mARMS per leg, without any performance
degradation.
FIGURE 9. LOGIC NETWORK
Schematic Diagram (Continued)
LOGIC GATE SCHEMATIC
15
5
6
12
4
16
13
A
B
C
C
B
A
TTL
TO
STTL
TTL
TO
STTL
TTL
TO
STTL
TO
R21
SHD
RD
PD
RC
RS
TTL
TO
STTL
RELAY
DRIVER
SH
GK
11
14
9
7
8
10
2
1
SCHOTTKY LOGIC
TABLE 1.
PARAMETER
TEST
CONDITION
PERFORMANCE
(MAX)
UNITS
Longitudinal
Surge
10
s Rise/
1000
s Fall
450 (Plastic)
VPEAK
Metallic Surge
10
s Rise/
1000
s Fall
450 (Plastic)
VPEAK
T/GND
R/GND
10
s Rise/
1000
s Fall
450 (Plastic)
VPEAK
50/60Hz Current
T/GND
R/GND
11 Cycles
Limited to
10ARMS
315 (Plastic)
VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com