Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503PRC Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HC5503PRC
Description  Low Cost SLIC For Large Telecom Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503PRC Datasheet(HTML) 4 Page - Renesas Technology Corp

  HC5503PRC Datasheet HTML 1Page - Renesas Technology Corp HC5503PRC Datasheet HTML 2Page - Renesas Technology Corp HC5503PRC Datasheet HTML 3Page - Renesas Technology Corp HC5503PRC Datasheet HTML 4Page - Renesas Technology Corp HC5503PRC Datasheet HTML 5Page - Renesas Technology Corp HC5503PRC Datasheet HTML 6Page - Renesas Technology Corp HC5503PRC Datasheet HTML 7Page - Renesas Technology Corp HC5503PRC Datasheet HTML 8Page - Renesas Technology Corp HC5503PRC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HC5503PRC
FN4806 Rev.3.00
Page 4 of 11
June 2004
2-Wire Return Loss
(Referenced to 600
 + 2.16F), RP = RS = 150
(Note 4)
SRL LO
-
15.5
-
dB
ERL
-24
-
dB
SRL HI
-31
-
dB
Longitudinal Balance
1VRMS 200Hz - 3400Hz, (Note 4) IEEE Method
0°C
 TA  75°C, RP = RS = 150
2-Wire Off Hook (Note 4)
53
58
-
dB
2-Wire On Hook (Note 4)
53
58
-
dB
4-Wire Off Hook
50
58
-
dB
Insertion Loss
At 1kHz, 0dBm Input Level, Referenced 600

RP =RS = 150
2-Wire to 4-Wire, 4-Wire to 2-Wire
-
0.05
0.2
dB
Frequency Response
200 - 3400Hz Referenced to Absolute Loss at 1kHz and
0dBm Signal Level, RP = RS = 150 (Note 4)
-
0.02
0.05
dB
Idle Channel Noise
RP = RS = 150 (Note 4)
2-Wire to 4-Wire, 4-Wire to 2-Wire
-1
5
dBrnC
--89
-85
dBm0p
Absolute Delay
RP = RS = 150 (Note 4)
2-Wire to 4-Wire, 4-Wire to 2-Wire
--
2
s
Trans Hybrid Loss
Balance Network Set Up for 600
 Termination at 1kHz,
RP = RS = 150 (Note 4)
30
40
-
dB
Overload Level
VB+ = +5V, RP = RS = 150 (Note 4)
2-Wire to 4-Wire, 4-Wire to 2-Wire
1.5
-
-
VPEAK
Level Linearity
2-Wire to 4-Wire, 4-Wire to 2-Wire (Note 4)
At 1kHz, (Note 4) Referenced to 0dBm Level,
RP = RS = 150
+3 to -40dBm
-
-
0.05
dB
-40 to -50dBm
-
-
0.1
dB
-50 to -55dBm
-
-
0.3
dB
Power Supply Rejection Ratio
RP = RS = 150 (Note 4)
30 - 60Hz, RL = 600
VB+ to 2-Wire
15
-
-
dB
VB+ to Transmit
15
-
-
dB
VB- to 2-Wire
15
-
-
dB
VB- to Transmit
15
-
-
dB
VB+ to 2-Wire
200 - 16kHz, RL = 600RP = RS = 150
30
-
-
dB
VB+ to Transmit
30
-
-
dB
VB- to 2-Wire
30
-
-
dB
VB- to Transmit
30
-
-
dB
Logic Input Current (RS, RC, PD)0V
 VIN  5V
-
-
100
A
Logic Inputs
Logic ‘0’ VIL
--
0.8
V
Logic ‘1’ VIH
2.0
-
5.5
V
Logic Outputs
Logic ‘0’ VOL
ILOAD 800A, VB+ = 5V
-
0.1
0.5
V
Logic ‘1’ VOH
ILOAD 40A, VB+ = 5V
2.7
-
5.0
V
Electrical Specifications
Unless Otherwise Specified, VB- = -48V, VB+ = 5V, AG = BG = DG = 0V, RP = 50, RS = 100, Typical
Parameters. TA = 25°C. Min-Max Parameters are Over Operating Temperature Range (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com