Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503PRC Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HC5503PRC
Description  Low Cost SLIC For Large Telecom Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503PRC Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HC5503PRC Datasheet HTML 3Page - Renesas Technology Corp HC5503PRC Datasheet HTML 4Page - Renesas Technology Corp HC5503PRC Datasheet HTML 5Page - Renesas Technology Corp HC5503PRC Datasheet HTML 6Page - Renesas Technology Corp HC5503PRC Datasheet HTML 7Page - Renesas Technology Corp HC5503PRC Datasheet HTML 8Page - Renesas Technology Corp HC5503PRC Datasheet HTML 9Page - Renesas Technology Corp HC5503PRC Datasheet HTML 10Page - Renesas Technology Corp HC5503PRC Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HC5503PRC
FN4806 Rev.3.00
Page 9 of 11
June 2004
Surge Protection
The SLIC device, in conjunction with an external protection
bridge, will withstand high voltage lightning surges and power
line crosses.
The voltage withstand capability of pins ‘Tip’, ‘Ring’ and ‘RFs’
is
450V with respect to ground, as shown in Table 1.
This device is intended for use with an appropriate secondary
protection circuit scheme.
The SLIC will withstand longitudinal currents up to a maximum
or 30mARMS, 15mARMS per leg, without any performance
degradation.
LOGIC GATE SCHEMATIC
15
5
6
12
4
16
13
A
B
C
C
B
A
TTL
TO
STTL
TTL
TO
STTL
TTL
TO
STTL
TO
R21
SHD
RD
PD
RC
RS
TTL
TO
STTL
DELAY
LOGIC BIAS
RELAY
DRIVER
SH
GK
11
14
3
9
7
8
10
2
1
SCHOTTKY LOGIC
TABLE 1.
PARAMETER
TEST
CONDITION
PERFORMANCE
(MAX)
UNITS
Longitudinal Surge 10
s Rise/
1000
s Fall
450 (Plastic)
VPEAK
Metallic Surge
10
s Rise/
1000
s Fall
450 (Plastic)
VPEAK
T/GND
R/GND
10
s Rise/
1000
s Fall
450 (Plastic)
VPEAK
50/60Hz Current
T/GND
R/GND
11 Cycles
Limited to
10ARMS
315 (Plastic)
VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com