Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503PRCBZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HC5503PRCBZ
Description  Low Cost SLIC For Large Telecom Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503PRCBZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HC5503PRCBZ Datasheet HTML 2Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 3Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 4Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 5Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 6Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 7Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 8Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 9Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HC5503PRC
FN4806 Rev.3.00
Page 6 of 11
June 2004
15
15
PD
Power Denial - A low active TTL - Compatible logic input. When enabled, the ring feed voltage collapses
to the tip feed voltage (~4V). The DC feed is disabled, but the AC transmission is maintained. The switch
hook detect (SHD) is not necessarily valid, and the relay driver (RD) output is disabled.
16
16
RC
Ring Command - A low active TTL - Compatible logic input. When enabled, the relay driver (RD) output
goes low on the next high level of the ring sync (RS) input, as long as the SLIC is not in the power denial
state (PD = 0) or the subscriber is not already off- hook (SHD = 0).
17
NC
Leave disconnected.
18
20
OUT
The analog output of the spare operational amplifier.
19
21
-IN
The inverting analog input of the spare operational amplifier.
20
22
+IN
The non-inverting analog input of the spare operational amplifier.
21
23
RX
Receive Input, Four Wire Side - A high impedance analog input which is internally biased. Capacitive
coupling to this input is required. AC signals appearing at this input differentially drive the Tip feed and
Ring feed terminals.
22
25
C2
Capacitor #2 - An external capacitor to be connected between this terminal and analog ground. This
capacitor is required for the proper operation of ring trip detection. Recommended value 0.82
F 10%
10V non-polarized.
23
26
AG
Analog Ground - To be connected to zero potential and serves as a reference for the transmit output (TX)
and receive input (RX) terminals.
24
27
TX
Transmit Output, Four Wire Side - A low impedance analog output proportional to the loop current.
Transhybrid balancing must be performed beyond this output to completely implement two to four wire
conversion. This output is unbalanced and referenced to analog ground. Since the DC level of this output
varies with loop current, capacitive coupling to the next stage is essential.
2, 17,
18,24, 29,
30,
NC
No internal connection.
NOTE: All grounds (AG, BG, and DG) must be applied before VB+ or VB-. Failure to do so may result in premature failure of the part. If a user wishes
to run separate grounds off a line card, the AG must be applied first.
Pin Descriptions (Continued)
24 PIN
DIP/SOIC
7 x 7
QFN
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com