Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503PRCBZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HC5503PRCBZ
Description  Low Cost SLIC For Large Telecom Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503PRCBZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  HC5503PRCBZ Datasheet HTML 1Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 2Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 3Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 4Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 5Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 6Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 7Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 8Page - Renesas Technology Corp HC5503PRCBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN4806 Rev.3.00
Page 1 of 11
June 2004
FN4806
Rev.3.00
June 2004
HC5503PRC
Low Cost SLIC For Large Telecom Switches
DATASHEET
The HC5503PRC is a low cost SLIC optimized for large
Telecom switches. It combines a flexible voltage feed
architecture with the Intersil latch-free DI bonded wafer
process, to provide a low component count, carrier class
solution at very low cost. The re-configurable design permits
simple, economical solutions for campus-wide call center
and PBX applications. External components can be used in
conjunction with the high battery voltage capability to meet
the complex impedance and long loop drive requirements of
Central Office switches, worldwide.
Features
• Wide Operating Battery Range (-40V to -58V)
• Single Additional +5V Supply
• 30mA Short Loop Current Limit
• Ring Relay Driver
• Switch Hook and Ring Trip Detect
• Low On-Hook Power Consumption
• On-Hook Transmission
• ITU-T Longitudinal Balance Performance
• Loop Power Denial Function
• Thermal Protection
• Supports Tip, Ring or Balanced Ringing Schemes
• Low Profile SO and QFN Surface Mount Packaging
• Pb-free Available
Applications
• Central Office, PBX, Call Centers
• Related Literature
- AN571, Using Ring Sync with HC-5502A and HC-5504
SLICs
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HC5503PRCB
0 to 70
24 Ld SOIC
M24.3
HC5503PRCBZ
(Note)
0 to 70
24 Ld SOIC (Pb-free)
M24.3
HC5503PRCBZ96
(Note)
0 to 70
24 Ld SOIC Tape & Reel
(Pb-free)
M24.3
HC5503PRCR
0 to 70
32 Ld 7x7 QFN
L32.7x7
HC5503PRCRZ
(Note)
0 to 70
32 Ld 7x7 QFN
(Pb-free)
L32.7x7
HC5503PRCRZ96
(Note)
0 to 70
32 Ld 7x7 QFN
Tape & Reel (Pb-free)
L32.7x7
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.


Similar Part No. - HC5503PRCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503PRCBZ INTERSIL-HC5503PRCBZ Datasheet
257Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRCBZ INTERSIL-HC5503PRCBZ Datasheet
260Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRCBZ96 INTERSIL-HC5503PRCBZ96 Datasheet
257Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRCBZ96 INTERSIL-HC5503PRCBZ96 Datasheet
260Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
More results

Similar Description - HC5503PRCBZ

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
Multifunction Telecom Switches
logo
Intersil Corporation
HC5503PRC INTERSIL-HC5503PRC Datasheet
106Kb / 9P
Low Cost SLIC For Large Telecom Switches
December 1999
HC5503PRI INTERSIL-HC5503PRI Datasheet
279Kb / 8P
Low Cost SLIC For Large Telecom Switches
November 2, 2004
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
LOW COST SLIC
logo
Intersil Corporation
HC5503PRC INTERSIL-HC5503PRC_04 Datasheet
257Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
LOW COST SLIC
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
Low Cost 24V SLIC For PABX/Key Systems
June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com