Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS05D Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCS05D
Description  Radiation Hardened Hex Inverter with Open Drain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS05D Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCS05D Datasheet HTML 1Page - Renesas Technology Corp HCS05D Datasheet HTML 2Page - Renesas Technology Corp HCS05D Datasheet HTML 3Page - Renesas Technology Corp HCS05D Datasheet HTML 4Page - Renesas Technology Corp HCS05D Datasheet HTML 5Page - Renesas Technology Corp HCS05D Datasheet HTML 6Page - Renesas Technology Corp HCS05D Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FN3557 Rev 1.00
Page 1 of 7
September 1995
FN3557
Rev 1.00
September 1995
HCS05MS
Radiation Hardened Hex Inverter with Open Drain
DATASHEET
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCS05MS is a Radiation Hardened Hex inverter
function with open drain outputs. These open drain outputs
can drive into resistive loads with a separate voltage supply.
The HCS05MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS05MS is supplied in a 14 lead Ceramic Flatpack (K
suffix) or a Ceramic Dual-In-Line Package (D suffix).
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T14, LEAD FINISH C
TOP VIEW
14 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP3-F14, LEAD FINISH C
TOP VIEW
Functional Diagram
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
SCREENING
LEVEL
PACKAGE
HCS05DMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead SBDIP
HCS05KMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead Ceramic
Flatpack
HCS05D/
Sample
+25oC
Sample
14 Lead SBDIP
HCS05K/
Sample
+25oC
Sample
14 Lead Ceramic
Flatpack
HCS05HMSR
+25oCDie
Die
TRUTH TABLE
INPUTS
OUTPUTS
An
Yn
L
Z (Note 1)
H (Note 2)
HL
NOTES:
1. No pullup resistor
2. With pullup resistor
3. L = Low
4. H = High
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4
An
Yn


Similar Part No. - HCS05D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS05D INTERSIL-HCS05D Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCS05D INTERSIL-HCS05D Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCS05D RENESAS-HCS05D Datasheet
389Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Intersil Corporation
HCS05DMSR INTERSIL-HCS05DMSR Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCS05DMSR INTERSIL-HCS05DMSR Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
More results

Similar Description - HCS05D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS04MS INTERSIL-ACS04MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverter
November 1998
ACS05MS INTERSIL-ACS05MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverter with Open Drain Outputs
November 1998
HCS04MS INTERSIL-HCS04MS Datasheet
104Kb / 8P
Radiation Hardened Hex Inverter
August 1995
HCS05MS INTERSIL-HCS05MS Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCTS04MS INTERSIL-HCTS04MS Datasheet
49Kb / 9P
Radiation Hardened Hex Inverter
August 1995
ACTS04MS INTERSIL-ACTS04MS Datasheet
90Kb / 3P
Radiation Hardened Hex Inverter
January 1996
logo
Renesas Technology Corp
ACS04MS RENESAS-ACS04MS Datasheet
220Kb / 2P
Radiation Hardened Hex Inverter
November 1998
ACTS04MS RENESAS-ACTS04MS Datasheet
246Kb / 2P
Radiation Hardened Hex Inverter
January 1996
HCS04MS RENESAS-HCS04MS Datasheet
573Kb / 8P
Radiation Hardened Hex Inverter
August 1995
HCTS04MS RENESAS-HCTS04MS Datasheet
575Kb / 8P
Radiation Hardened Hex Inverter
August 1995
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com