Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS109K Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HCS109K
Description  Radiation Hardened Dual JK Flip Flop
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS109K Datasheet(HTML) 6 Page - Renesas Technology Corp

  HCS109K Datasheet HTML 1Page - Renesas Technology Corp HCS109K Datasheet HTML 2Page - Renesas Technology Corp HCS109K Datasheet HTML 3Page - Renesas Technology Corp HCS109K Datasheet HTML 4Page - Renesas Technology Corp HCS109K Datasheet HTML 5Page - Renesas Technology Corp HCS109K Datasheet HTML 6Page - Renesas Technology Corp HCS109K Datasheet HTML 7Page - Renesas Technology Corp HCS109K Datasheet HTML 8Page - Renesas Technology Corp HCS109K Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HCS109MS
FN2466 Rev 2.00
Page 6 of 9
September 1995
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11,
(Note 2)
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTES:
1. Alternate group A testing in accordance with method 5005 of MIL-STD-883 may be exercised.
2. Table 5 parameters only.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
 0.5V
VCC = 6V
 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 1)
6, 7, 9, 10
1 - 5, 8, 11 - 15
-
16
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
6, 7, 9, 10
8
-
1 - 5, 11 - 16
-
-
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2)
-
8
6, 7, 9, 10
1, 5, 11, 15, 16
4, 12
2, 3, 13, 14
NOTES:
1. Each pin except VCC and GND will have a resistor of 10K
  5% for static burn-in
2. Each pin except VCC and GND will have a resistor of 1K
  5% for dynamic burn-in
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
 0.5V
6, 7, 9, 10
8
1 - 5, 11 - 16
NOTE: Each pin except VCC and GND will have a resistor of 47K
  5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
TABLE 6. APPLICABLE SUBGROUPS (Continued)
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com