Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS109K Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HCS109K
Description  Radiation Hardened Dual JK Flip Flop
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS109K Datasheet(HTML) 8 Page - Renesas Technology Corp

  HCS109K Datasheet HTML 1Page - Renesas Technology Corp HCS109K Datasheet HTML 2Page - Renesas Technology Corp HCS109K Datasheet HTML 3Page - Renesas Technology Corp HCS109K Datasheet HTML 4Page - Renesas Technology Corp HCS109K Datasheet HTML 5Page - Renesas Technology Corp HCS109K Datasheet HTML 6Page - Renesas Technology Corp HCS109K Datasheet HTML 7Page - Renesas Technology Corp HCS109K Datasheet HTML 8Page - Renesas Technology Corp HCS109K Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HCS109MS
FN2466 Rev 2.00
Page 8 of 9
September 1995
AC Timing Diagrams
Pulse Width, Setup, Hold Timing Diagram
Positive Edge Trigger
AC Load Circuit
Load Circuit
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
PULSE WIDTH, SETUP, HOLD VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
INPUT
VIL
VIL
VS
VIH
CP INPUT
VIH
TH = Hold Time
TSU = Setup Time
TW = Pulse Width
TW
TSU
TH
TW
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com