Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS157D Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCS157D
Description  Radiation Hardened Quad 2-Input Multiplexers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS157D Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCS157D Datasheet HTML 1Page - Renesas Technology Corp HCS157D Datasheet HTML 2Page - Renesas Technology Corp HCS157D Datasheet HTML 3Page - Renesas Technology Corp HCS157D Datasheet HTML 4Page - Renesas Technology Corp HCS157D Datasheet HTML 5Page - Renesas Technology Corp HCS157D Datasheet HTML 6Page - Renesas Technology Corp HCS157D Datasheet HTML 7Page - Renesas Technology Corp HCS157D Datasheet HTML 8Page - Renesas Technology Corp HCS157D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN3561 Rev 1.00
Page 1 of 9
September 1995
FN3561
Rev 1.00
September 1995
HCS157MS
Radiation Hardened Quad 2-Input Multiplexers
DATASHEET
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCS157MS is a Radiation Hardened quad
2-input multiplexers which select four bits of data from two
sources under the control of a common select input (S). The
Enable input (E NOT) is active low. When the enable pin is
high all of the outputs (1Y-4Y) are forced low regardless of
all other input conditions.
Moving data from two groups of registers to four common
output busses is a common use of these devices. The state
of the Select input determines the particular register from
which the data comes. They can also be used as function
generators.
The HCS157MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS157MS is supplied in a 16 lead Ceramic flat-
pack (K suffix) or a SBDIP Package (D suffix).
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16, LEAD FINISH C
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16, LEAD FINISH C
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
S
1I0
1I1
1Y
2I0
2I1
GND
2Y
VCC
4I0
4I1
4Y
3I0
3I1
3Y
E
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
S
1I0
1I1
1Y
2I0
2I1
GND
2Y
VCC
4I0
4I1
4Y
3I0
3I1
3Y
E
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS157DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCS157KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCS157D/Sample
+25oC
Sample
16 Lead SBDIP
HCS157K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCS157HMSR
+25oCDie
Die


Similar Part No. - HCS157D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS157D INTERSIL-HCS157D Datasheet
168Kb / 9P
Radiation Hardened Quad 2-Input Multiplexers
September 1995
HCS157DMSR INTERSIL-HCS157DMSR Datasheet
168Kb / 9P
Radiation Hardened Quad 2-Input Multiplexers
September 1995
More results

Similar Description - HCS157D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS00MS INTERSIL-ACS00MS Datasheet
68Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCS157MS INTERSIL-HCS157MS Datasheet
168Kb / 9P
Radiation Hardened Quad 2-Input Multiplexers
September 1995
HCTS157MS INTERSIL-HCTS157MS Datasheet
132Kb / 10P
Radiation Hardened Quad 2-Input Multiplexers
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCTS157MS RENESAS-HCTS157MS Datasheet
390Kb / 9P
Radiation Hardened Quad 2-Input Multiplexers
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com