Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2811B Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2811B
Description  MODEM MAGNETICS V.90 Modem Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2811B Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2811B Datasheet HTML 1Page - Bel Fuse Inc. 2811B Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
MODEM MAGNETICS
©2000 Bel Fuse Inc. Specifications subject to change without notice. 05.00
TM00409
T4-19
V.90 Modem Transformer
SCHEMATIC
TYPICAL SPICE TRANSMISSION MODEL
ELECTRICAL SPECIFICATIONS at 25° C
1
3
6
4
Primary
Secondary
120
6.2mH
120
6
4
35 pF
40H
35 pF
3
1
120k
•
Provides isolation and balance while minimizing signal
distortion and insertion loss in high speed modem
applications
•
Designed to match a 600
Ω line to a 360Ω load
•
Qualified per Bellcore TR-TSY-000357-1
•
Designed to provide supplementary insulation at a
working voltage of 250V
•
Approved by UL, CSA and BABT
•
Minimum interwinding breakdown voltage of 1500 Vrms
2811B
t
r
a
P
r
e
b
m
u
N
o
i
t
a
R
s
n
r
u
T
%
2
±
n
o
i
t
r
e
s
n
I
s
s
o
L
B
d
s
s
o
L
n
r
u
t
e
R
B
d
y
c
n
e
u
q
e
r
F
e
s
n
o
p
s
e
R
B
d
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
B
d
l
a
n
i
d
u
t
i
g
n
o
L
e
c
n
a
l
a
B
B
d
z
H
k
1
@
z
H
0
0
5
3
-
z
H
0
0
2
z
H
k
4
-
z
H
0
0
1
i
r
P
c
e
S
z
H
0
5
1
,
m
B
d
3
-
z
H
0
0
5
3
-
z
H
0
0
2
B
1
1
8
21
:
1<
1
.
2> 0
2<
1
.
05
3
15
3
1<
5
7
-> 0
6


Similar Part No. - 2811B

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2811 KR-2811 Datasheet
49Kb / 2P
155 MHz bandpass filter
logo
Alpha Wire
2811 ALPHAWIRE-2811 Datasheet
98Kb / 4P
Customer Specification
1/19/2023
logo
Heyco.
2811 HEYCO-2811 Datasheet
102Kb / 1P
Shorty Bushings
2811 HEYCO-2811 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Alpha Wire
2811/2 ALPHAWIRE-2811/2 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
More results

Similar Description - 2811B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2793A BEL-2793A Datasheet
31Kb / 2P
MODEM MAGNETICS European V.34 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
S574-1000-18 BEL-S574-1000-18 Datasheet
29Kb / 2P
MODEM MAGNETICS V.90 Modem Surface Mount Transformer
logo
Filtran LTD
6647 FILTRAN-6647 Datasheet
87Kb / 1P
V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
V.90 Modem Transformer
7197 FILTRAN-7197 Datasheet
183Kb / 1P
V.90 Modem transformer
7250 FILTRAN-7250 Datasheet
118Kb / 1P
V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
V.90 Modem Transformer
logo
Allied Components Inter...
AEL127-4435 ALLIED-AEL127-4435 Datasheet
612Kb / 1P
EL12.7 V.90 Modem Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com