Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS163K Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCS163K
Description  Radiation Hardened Synchronous Presettable Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS163K Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCS163K Datasheet HTML 1Page - Renesas Technology Corp HCS163K Datasheet HTML 2Page - Renesas Technology Corp HCS163K Datasheet HTML 3Page - Renesas Technology Corp HCS163K Datasheet HTML 4Page - Renesas Technology Corp HCS163K Datasheet HTML 5Page - Renesas Technology Corp HCS163K Datasheet HTML 6Page - Renesas Technology Corp HCS163K Datasheet HTML 7Page - Renesas Technology Corp HCS163K Datasheet HTML 8Page - Renesas Technology Corp HCS163K Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN3087 Rev 1.00
Page 1 of 9
September 1995
FN3087
Rev 1.00
September 1995
HCS163MS
Radiation Hardened Synchronous Presettable Counter
DATASHEET
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset: >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC
- VIH = 70% of VCC
• Input Current Levels Ii
 5A at VOL, VOH
Description
The
Intersil
HCS163MS
is
a
Radiation
Hardened
synchronous presettable binary counter that features looka-
head carry logic for use in high speed counting applications.
Counting and parallel load, and presetting are all accom-
plished synchronously with the positive transition of the
clock.
The HCS163MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS163MS is supplied in a 16 lead Ceramic flat-
pack (K suffix) or a SBDIP Package (D suffix).
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16, LEAD FINISH C
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16, LEAD FINISH C
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
MR
CP
P0
P1
P2
P3
GND
PE
VCC
Q0
Q1
Q2
Q3
TE
SPE
TC
MR
CP
P0
P1
P2
P3
PE
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VCC
TC
Q0
Q1
Q2
Q3
TE
SPE
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS163DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCS163KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCS163D/Sample
+25oC
Sample
16 Lead SBDIP
HCS163K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCS163HMSR
+25oCDie
Die


Similar Part No. - HCS163K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS163K INTERSIL-HCS163K Datasheet
131Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCS163KMSR INTERSIL-HCS163KMSR Datasheet
131Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
More results

Similar Description - HCS163K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCS161MS INTERSIL-HCS161MS Datasheet
127Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCS163MS INTERSIL-HCS163MS Datasheet
131Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
Radiation Hardened Synchronous Counter
July 1999
HCTS161AMS INTERSIL-HCTS161AMS Datasheet
115Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS163MS INTERSIL-HCTS163MS Datasheet
152Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS161MS RENESAS-HCS161MS Datasheet
405Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com