Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS166D Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HCS166D
Description  Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS166D Datasheet(HTML) 4 Page - Renesas Technology Corp

  HCS166D Datasheet HTML 1Page - Renesas Technology Corp HCS166D Datasheet HTML 2Page - Renesas Technology Corp HCS166D Datasheet HTML 3Page - Renesas Technology Corp HCS166D Datasheet HTML 4Page - Renesas Technology Corp HCS166D Datasheet HTML 5Page - Renesas Technology Corp HCS166D Datasheet HTML 6Page - Renesas Technology Corp HCS166D Datasheet HTML 7Page - Renesas Technology Corp HCS166D Datasheet HTML 8Page - Renesas Technology Corp HCS166D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HCS166MS
FN2482 Rev 2.00
Page 4 of 9
September 1995
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP or CE to Q7
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
37
ns
MR to Q7
TPHL
VCC = 4.5V
9
+25oC
2
31
ns
10, 11
+125oC, -55oC
2
36
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power Dissipation
CPD
VCC = 5.0V, f = 1MHz
+25oC
-
65
pF
+125oC, -55oC
-
81
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
+25oC
-
10
pF
+125oC
-
10
pF
Output Transition Time
(Figure 1)
TTHL
TTLH
VCC = 4.5V
+25oC
-
15
ns
+125oC, -55oC
-
22
ns
Clock Frequency (Figure 1)
fmax
VCC = 4.5V
+25oC30
-
MHz
-55oC to +125oC20
-
MHz
MR Pulse Width (Figure 2)
tw
VCC = 4.5V
+25oC20
-
ns
-55oC to +125oC30
-
ns
Clock Pulse Width (Figure 1)
tw
VCC = 4.5V
+25oC16
-
ns
-55oC to +125oC24
-
ns
Set-up Time Data and CE to
Clock, (Figure 3, 4)
tSU
VCC = 4.5V
+25oC16
-
ns
-55oC to +125oC24
-
ns
Hold Time Data to Clock
(Figure 4)
tH
VCC = 4.5V
+25oC1
-
ns
-55oC to +125oC1
-
ns
Removal Time MR to Clock
(Figure 3)
tREM
VCC = 4.5V
+25oC0
-
ns
-55oC to +125oC0
-
ns
Set-up Time PE to CP (Figure 4)
tSU
VCC = 4.5V
+25oC29
-
ns
-55oC to +125oC44
-
ns
Hold Time PE to CP or CE
(Figure 4)
tH
VCC = 4.5V
+25oC0
-
ns
-55oC to +125oC0
-
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com