Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS166D Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HCS166D
Description  Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS166D Datasheet(HTML) 8 Page - Renesas Technology Corp

  HCS166D Datasheet HTML 1Page - Renesas Technology Corp HCS166D Datasheet HTML 2Page - Renesas Technology Corp HCS166D Datasheet HTML 3Page - Renesas Technology Corp HCS166D Datasheet HTML 4Page - Renesas Technology Corp HCS166D Datasheet HTML 5Page - Renesas Technology Corp HCS166D Datasheet HTML 6Page - Renesas Technology Corp HCS166D Datasheet HTML 7Page - Renesas Technology Corp HCS166D Datasheet HTML 8Page - Renesas Technology Corp HCS166D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HCS166MS
FN2482 Rev 2.00
Page 8 of 9
September 1995
AC Timing Diagrams and AC Load Circuit
FIGURE 1. CLOCK PRE-REQUISITE TIMES AND PROPAGA-
TION AND OUTPUT TRANSITION TIMES
FIGURE 2. MASTER RESIT PRE-REQUISITE TIMES AND
PROPAGATION DELAYS.
FIGURE 3. DATA PRE-REQUISITE TIMES
FIGURE 4. PARALLEL ENABLE OR CLOCK ENABLE PRE-
REQUISITE TIMES
FIGURE 5. AC LOAD CIRCUIT
tW
VS
50
VS
INPUT
LEVEL
GND
tTHL
VS
VS
tPHL
tPLH
tTLH
t/f MAX
tf
tr
tW
VS
VS
INPUT
LEVEL
GND
tPHL
VS
tREM
VS
MR
CP
Q7
INPUT
LEVEL
GND
VS
VALID
DATA
INPUT
GND
CP
tSU
tH
VS
LEVEL
INPUT
LEVEL
GND
VALID
LEVEL
GND
PE OR CE
tSU
tH
VS
INPUT
LEVEL
INPUT
GND
VS
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com