Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5378ABCZ1 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5378ABCZ1
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5378ABCZ1 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5378ABCZ1 Datasheet HTML 16Page - Analog Devices AD5378ABCZ1 Datasheet HTML 17Page - Analog Devices AD5378ABCZ1 Datasheet HTML 18Page - Analog Devices AD5378ABCZ1 Datasheet HTML 19Page - Analog Devices AD5378ABCZ1 Datasheet HTML 20Page - Analog Devices AD5378ABCZ1 Datasheet HTML 21Page - Analog Devices AD5378ABCZ1 Datasheet HTML 22Page - Analog Devices AD5378ABCZ1 Datasheet HTML 23Page - Analog Devices AD5378ABCZ1 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5378
Rev. PrA | Page 20 of 28
CALIBRATION
The user can perform a system calibration by overwriting the
default values in the m and c registers for any individual DAC
channel as follows:
1.
Calculate the nominal offset and gain coefficients for the
new output range (see the revious example).
2.
Calculate the new m and c values for each channel based
on the specified offset and gain errors.
Calibration Example
Nominal Offset Coefficient = 0
Nominal Gain Coefficient = 10/10.5 × 8191 = 0.95238 × 8191
= 7801
Example 1: Channel 0, Gain Error = 3%,
Offset Error = 100 mV
1.
Gain Error (3%) Calibration: 7801 × 1.03 = 8035
=> Load Code 1 1111 0110 0011 to m Register 0
2.
Offset Error (100 mV) Calibration:
LSB Size = 10.5 / 16384 = 641 µV;
Offset Coefficient for 100 mV Offset = 100 / 0.64 = 156 LSBs
=> Load 10 0000 1001 1100 to c Register 0
Example 2: Channel 1, Gain Error = −3%,
Offset Error = −100 mV
1.
Gain Error (−3%) Calibration: 7801 × 0.97 = 7567
=> Load Code 1 1110 1000 1111 to m Register 1
2.
Offset Error (−100 mV) Calibration:
LSB Size = 10.5 / 16384 = 641 µV;
Offset Coefficient for −100 mV Offset = −100 / 0.64 =
−156 LSBs
=> Load 01 1111 0110 0100 to c Register 1
CLEAR FUNCTION
The clear function on the AD5378 can be implemented in
hardware or software.
Hardware Clear
Bringing the CLR pin low switches the outputs, VOUT0 to
VOUT31, to the externally set potential on the REFGND pin.
This is achieved by switching in REFGND and reconfiguring
the output amplifier stages into unity gain buffer mode, thus
ensuring that VOUT is equal to REFGND. The contents of the
input registers and DAC registers are not affected by taking
CLR low. When CLR is brought high, the DAC outputs remain
cleared until LDAC is taken low. While CLR is low, the value of
LDAC is ignored.
Software Clear
Loading a clear code to the x1 registers also enables the user to
set VOUT0 to VOUT31 to the REFGND level. The default clear
code corresponds to m at full scale and c at midscale (x2 = x1).
Default Clear Code
= 214 × (−Output Offset)/(Output Range)
= 214 × 2.5 × (AGND − VREF(−))/(3.5 × (VREF(+)− AGND))
The more general expression for the clear code is as follows:
Clear Code = (214)/(m + 1) × (Default Clear Code − c)
BUSY AND LDAC FUNCTIONS
The value of x2 is calculated each time the user writes new data
to the corresponding x1, c, or m registers. During the calcula-
tion of x2, the BUSY output goes low. While BUSY is low, the
user can continue writing new data to the x1, m, or c registers,
but no DAC output updates can take place. The DAC outputs
are updated by taking the LDAC input low. If LDAC goes low
while BUSY is active, the LDAC event is stored and the DAC
outputs update immediately after BUSY goes high. A user can
also hold the LDAC input permanently low. In this case, the
DAC outputs update immediately after BUSY goes high.
Table 11. BUSY Pulse Width
BUSY Pulse Width (ns max)
Action
FIFO
Enabled
FIFO
Disabled
Loading x1, c, or m to 1 channel
530
330
Loading x1, c, or m to 2 channels
700
500
Loading x1, c, or m to 3 channels
900
700
Loading x1, c, or m to 4 channels
1050
850
Loading x1, c, or m to all 32
channels
5500
5300
The value of x2 for a single channel or group of channels is
recalculated each time there is a write to any x1 register(s), c
register(s), or m register(s). During the calculation of x2, BUSY
goes low. The duration of this BUSY pulse depends on the
number of channels being updated. For example, if x1, c, or m
data is written to one DAC channel, BUSY goes low for 550 ns
(max). However, if data is written to two DAC channels, BUSY
goes low for 700 ns (max). There are approximately 200 ns of
overhead due to FIFO access. See Table 11.
The AD5378 contains an additional feature whereby a DAC
register is not updated unless its x2 register is written to since
the last time LDAC was brought low. Normally, when LDAC is
brought low, the DAC registers are filled with the contents of
the x2 registers. However, the AD5378 updates the DAC register
only if the x2 data changes, thereby removing unnecessary
digital crosstalk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com