Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5378ABCZ1 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5378ABCZ1
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5378ABCZ1 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5378ABCZ1 Datasheet HTML 20Page - Analog Devices AD5378ABCZ1 Datasheet HTML 21Page - Analog Devices AD5378ABCZ1 Datasheet HTML 22Page - Analog Devices AD5378ABCZ1 Datasheet HTML 23Page - Analog Devices AD5378ABCZ1 Datasheet HTML 24Page - Analog Devices AD5378ABCZ1 Datasheet HTML 25Page - Analog Devices AD5378ABCZ1 Datasheet HTML 26Page - Analog Devices AD5378ABCZ1 Datasheet HTML 27Page - Analog Devices AD5378ABCZ1 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5378
Rev. PrA | Page 24 of 28
DATA DECODING
The AD5378 contains a 14-bit data bus, DB13 to DB0. Depend-
ing on the value of REG1 and REG0, this data is loaded into the
addressed DAC input register(s), offset (c) register(s), gain (m)
register(s), or the special function register.
Table 13. DAC Data Format (REG1 = 1, REG0 = 1)
DB13 to DB0
DAC Output
11 1111 1111 1111
(16383/16384) VREF(+) V
11 1111 1111 1110
(16382/16384) VREF(+) V
10 0000 0000 0001
(8193/16384) VREF(+) V
10 0000 0000 0000
(8192/16384) VREF(+) V
01 1111 1111 1111
(8191/16384) VREF(+) V
00 0000 0000 0001
(1/16384) VREF(+) V
00 0000 0000 0000
0 V
Table 14. Offset Data Format (REG1 = 1, REG0 = 0)
DB13 to DB0
Offset (LSB)
11 1111 1111 1111
+8191
11 1111 1111 1110
+8190
10 0000 0000 0001
+1
10 0000 0000 0000
+0
01 1111 1111 1111
−1
00 0000 0000 0001
−8191
00 0000 0000 0000
−8192
Table 15. Gain Data Format (REG1 = 0, REG0 = 1)
DB12 to DB1
Gain
1 1111 1111 1111
8192/8192
1 1111 1111 1110
8191/8192
1 0000 0000 0001
4098/8192
1 0000 0000 0000
4097/8192
0 1111 1111 1111
4096/8192
0 0000 0000 0001
2/8192
0 0000 0000 0000
1/8192
Table 16. Special Function Data Format (REG1 = 0, REG0 = 0)
DB13 to DB0
Increment/Decrement Step (LSB)
00000 10 1111111
+127
00000 10 0000111
+7
00000 10 0000001
+1
00000 X0 0000000
0
00000 00 0000001
−1
00000 00 0000111
−7
00000 00 1111111
−128
Table 17. Soft Reset (REG1 = 0, REG0 = 0)
DB13 to DB0
DAC Output
11 1111 1111 1111
REFGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com