Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS80C52 Datasheet(PDF) 15 Page - Intel Corporation

Part # LS80C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LS80C52 Datasheet(HTML) 15 Page - Intel Corporation

Back Button LS80C52 Datasheet HTML 11Page - Intel Corporation LS80C52 Datasheet HTML 12Page - Intel Corporation LS80C52 Datasheet HTML 13Page - Intel Corporation LS80C52 Datasheet HTML 14Page - Intel Corporation LS80C52 Datasheet HTML 15Page - Intel Corporation LS80C52 Datasheet HTML 16Page - Intel Corporation LS80C52 Datasheet HTML 17Page - Intel Corporation LS80C52 Datasheet HTML 18Page - Intel Corporation LS80C52 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
8XC525458
EXTERNAL MEMORY CHARACTERISTICS (Continued)
All parameter values apply to all devices unless otherwise indicated
Symbol
Parameter
Oscillator
Units
12 MHz
24 MHz
33 MHz
Variable
Min
Max
Min
Max
Min
Max
Min
Max
TQVWX
Data Valid to
WR Transition
8XC5X
33
TCLCL b 50
ns
8XC5X-2433
12
0
TCLCL b 30
ns
TWHQX
Data Hold After
WR
8XC5X
33
TCLCL b 50
ns
8XC5X-24
7
TCLCL b 35
ns
8XC5X-33
3
TCLCL b 27
ns
TQVWH
Data Valid to
WR High
8XC5X
433
7 TCLCL b 150
ns
8XC5X-2433
222
142
7 TCLCL b 70
ns
TRLAZ
RD Low to
0
0
0
0
ns
Address Float
TWHLH
RD or WR High
to ALE High
8XC5X
43
123
TCLCL b 40
TCLCL a 40
ns
8XC5X-24
12
71
TCLCL b 30
TCLCL a 30
ns
8XC5X-33
5
55
TCLCL b 25
TCLCL a 25
ns
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com