Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS80C52 Datasheet(PDF) 20 Page - Intel Corporation

Part # LS80C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LS80C52 Datasheet(HTML) 20 Page - Intel Corporation

Back Button LS80C52 Datasheet HTML 15Page - Intel Corporation LS80C52 Datasheet HTML 16Page - Intel Corporation LS80C52 Datasheet HTML 17Page - Intel Corporation LS80C52 Datasheet HTML 18Page - Intel Corporation LS80C52 Datasheet HTML 19Page - Intel Corporation LS80C52 Datasheet HTML 20Page - Intel Corporation LS80C52 Datasheet HTML 21Page - Intel Corporation LS80C52 Datasheet HTML 22Page - Intel Corporation LS80C52 Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
8XC525458
272336 – 21
See Table 4 for proper input on these pins
Figure 10 Programming the EPROM
PROGRAMMING ALGORITHM
Refer to Table 4 and Figures 10 and 11 for address
data and control signals set up To program the
87C5X the following sequence must be exercised
1 Input the valid address on the address lines
2 Input the appropriate data byte on the data
lines
3 Activate the correct combination of control sig-
nals
4 Raise EA VPP from VCC to 1275V g025V
5 Pulse ALEPROG 5 times for the EPROM ar-
ray and 25 times for the encryption table and
the lock bits
Repeat 1 through 5 changing the address and data
for the entire array or until the end of the object file is
reached
PROGRAM VERIFY
Program verify may be done after each byte or block
of bytes is programmed In either case a complete
verify of the programmed array will ensure reliable
programming of the 87C5X
The lock bits cannot be directly verified Verification
of the lock bits is done by observing that their fea-
tures are enabled
272336 – 22
Figure 11 Programming Signal’s Waveforms
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com