Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6915 Datasheet(PDF) 2 Page - Analog Microelectronics GmbH

Part # AMS6915
Description  Board Mount Pressure Sensor with Digital I2C Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6915 Datasheet(HTML) 2 Page - Analog Microelectronics GmbH

  AMS6915 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Board Mount Pressure Sensor
AMS 6915 SERIES
© 2022, Analog Microelectronics GmbH
www.analog-micro.com
Datasheet AMS 6915
– Rev. 2.0
2/13
PRESSURE RANGES AND TYPES
Pressure sensor code
Pressure type
1)
Pressure
range
in mbar
Burst
pressure
2)
in bar
Pressure
range
in PSI
Burst
pressure
in PSI
Ultra low pressure
AMS 6915-0005-D-
…
differential (relative)
0
… 5
> 0.35
0
… 0.0725
> 5
AMS 6915-0010-D-
…
differential (relative)
0
… 10
> 0.35
0
… 0.145
> 5
AMS 6915-0002-D-B-
…
bidirectional differential
-2.5
… +2.5
> 0.35
-0.0363
… +0.0363
> 5
AMS 6915-0005-D-B-
…
bidirectional differential
-5
… +5
> 0.35
-0.0725
… +0.0725
> 5
AMS 6915-0010-D-B-
…
bidirectional differential
-10
… +10
> 0.35
-0.145
… +0.145
> 5
Low pressure
AMS 6915-0025-D-
…
differential (relative)
0
… 25
> 0.5
0
… 0.363
> 7.5
AMS 6915-0050-D-
…
differential (relative)
0
… 50
> 1
0
… 0.725
> 15
AMS 6915-0100-D-
…
differential (relative)
0
… 100
> 1
0
… 1.450
> 15
AMS 6915-0025-D-B-
…
bidirectional differential
-25
… +25
> 0.5
-0.363
… +0.363
> 7.5
AMS 6915-0050-D-B-
…
bidirectional differential
-50
… +50
> 1
-0.725
… +0.725
> 15
AMS 6915-0100-D-B-
…
bidirectional differential
-100
… +100
> 1
-1.450
… +1.450
> 15
Standard pressure
AMS 6915-0200-D-
…
differential (relative)
0
… 200
> 5
0
… 2.901
> 72
AMS 6915-0350-D-
…
differential (relative)
0
… 350
> 5
0
… 5.076
> 72
AMS 6915-1000-D-
…
differential (relative)
0
… 1000
> 5
0
… 14.50
> 72
AMS 6915-2000-D-
…
differential (relative)
0 … 2000
> 5
0 … 29.01
> 72
AMS 6915-2500-D-
…
differential (relative)
0 … 2500
> 5
0 … 36.25
> 72
AMS 6915-0200-G-
…
relative
0
… 200
> 5
0
… 2.901
> 72
AMS 6915-0350-G-
…
relative
0
… 350
> 5
0
… 5.076
> 72
AMS 6915-1000-G-
…
relative
0
… 1000
> 5
0
… 14.50
> 72
AMS 6915-2000-G-
…
relative
0 … 2000
> 5
0 … 29.01
> 72
AMS 6915-0200-D-B-
…
bidirectional differential
-200
… +200
> 5
-2.901
… +2.901
> 72
AMS 6915-0350-D-B-
…
bidirectional differential
-350
… +350
> 5
-5.076
… +5.076
> 72
AMS 6915-1000-D-B-
…
bidirectional differential
-1000
… +1000
> 5
-14.50
… +14.50
> 72
AMS 6915-0500-A-
…
absolute
0 … 500
> 5
0 … 7.250
> 72
AMS 6915-1000-A-
…
absolute
0
… 1000
> 5
0
… 14.50
> 72
AMS 6915-2000-A-
…
absolute
0 … 2000
> 5
0 … 29.01
> 72
AMS 6915-1200-B-
…
absolute (barometric)
700
… 1200
> 5
10.88
… 17.40
> 72
Table 1: AMS 6915 standard pressure ranges (other ranges on request)
Note:
1)
The offered pressure types are: differential, bidirectional differential, relative / gage and absolute pressure. Differen-
tial pressure types measure the pressure
difference between the sensor’s pressure ports. While sensors for differen-
tial pressure are only able to measure negative or positive pressure, bidirectional pressure sensors are capable of
measuring both.
Relative or gage pressure sensors measure the pressure applied to their pressure port against atmospheric pres-
sure. Differential pressure sensors can also be used for relative pressure measurements.
Absolute pressure sensors measure the applied pressure against vacuum. Barometric pressure sensors are a sub-
type of absolute pressure sensors and are calibrated to cover a pressure range typically found in meteorological
pressure measurements.
2)
Burst pressure is defined as the maximum pressure that can be applied to one pressure port relative to the other
port (or while only one pressure port is connected) without causing leaks in the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com