Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6915 Datasheet(PDF) 3 Page - Analog Microelectronics GmbH

Part # AMS6915
Description  Board Mount Pressure Sensor with Digital I2C Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6915 Datasheet(HTML) 3 Page - Analog Microelectronics GmbH

  AMS6915 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Board Mount Pressure Sensor
AMS 6915 SERIES
© 2022, Analog Microelectronics GmbH
www.analog-micro.com
Datasheet AMS 6915
– Rev. 2.0
3/13
MAXIMUM RATINGS
Parameter
Minimum
Typical
Maximum
Units
Maximum supply voltage: VS,max
Operating temperature: Top
Storage temperature: Tamb
Common mode pressure pCM
1)
-25
-40
6.0
85
125
16
V
°C
°C
bar
Table 2: Maximum ratings
Note:
1) Common mode pressure is defined as the maximum pressure that can be applied simultaneously on both pressure
ports of a differential or bidirectional transmitter without causing damages while no further differential pressure is ap-
plied.
SPECIFICATIONS
All parameters apply to Top = 25 °C and VS = 3.3 V (3.3 V models) or VS = 5.0 V (5 V models), unless otherwise stated.
Parameter
Minimum
Typical
Maximum
Units
Digital output signal (pressure)
1)
@ specified minimum pressure (see “pressure range”)
2)
1638
counts
@ specified maximum pressure (see “pressure range”)
2)
14745
counts
Full span output (FSO)
3)
13107
counts
Without pressure (bidirectional differential)
8192
counts
Digital output signal (temperature)
4)
@ minimum temperature T = -25 °C
256
counts
@ maximum temperature T = 85 °C
1382
counts
Accuracy
5) (pressure measurement) @ T = 25 °C
Ultra low pressure sensors (
≤ 10 mbar)
± 1.5
%FSO
Low pressure sensors (10 mbar
< p ≤ 100 mbar)
± 1.0
%FSO
Standard pressure sensors (> 100 mbar)
± 0.5
%FSO
TEB
6) (pressure measurement) @ T = 0 ... 60 °C
Ultra low pressure sensors (
≤ 10 mbar)
± 2.0
%FSO
Low pressure sensors (10 mbar
< p ≤ 100 mbar)
± 1.5
%FSO
Standard pressure sensors (> 100 mbar)
± 1.0
%FSO
Error temperature measurement @ T = -25 ... 85 °C
All types of AMS 6915
T = -
25 … 85 °C
± 3.0
%FSO
Long term stability
< 0.5
%FSO/a
Resolution A/D converter
14
bits
Resolution pressure signal
12
bits
Resolution temperature signal
11
bits
Supply voltage range (VS) for 3.3 V model
3.0
3.3
3.6
V
Supply voltage range (VS) for 5 V model
4.75
5.00
5.25
V
Overall ratiometricity error (@ supply voltage range)
± 0.025
± 0.1
%FSO
Current consumption
4
mA
Reaction time (10 % .. 90 % rise time)
0.5
1
ms
Start-up time (Power up to data ready)
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com