Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0061AS2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HIP0061AS2
Description  60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0061AS2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HIP0061AS2 Datasheet HTML 1Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 2Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 7Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 8Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HIP0061
FN3982 Rev 0.00
Page 3 of 10
December 1997
Short-Circuit Input Capacitance,
Common Source
CISS
VDS = 25V, VGS = 0V
f = 1MHz
-
142
-
pF
Short-Circuit Output Capacitance,
Common Source
COSS
-
107
-
pF
Short-Circuit Reverse Transfer
Capacitance, Common Source
CRSS
-
24
-
pF
Source-Drain Diode Ratings and Specifications
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Diode Forward Voltage (Note 5)
VSD
ISD = 2A, VGS = 0V
-
0.9
1.1
V
Reverse Recovery Time
trr
ISD = 2A, dISD/dt = 100A/s
-
50
-
ns
NOTES:
5. Pulse test: Pulse width
 300s, duty cycle  2%.
6. Independent of operating temperature.
Typical Performance Curves
FIGURE 1A. 25oC SAFE-OPERATING AREA CURVE
FIGURE 1B. 105oC SAFE-OPERATING AREA CURVE
Electrical Specifications
TC = 25oC, Unless Otherwise Specified (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
0.1
10
100
1
10
1
VDS, DRAIN VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
10
s
100
s
1ms
TC = 25oC
TJ = MAX RATED
10ms
DC
100ms
0.1
10
100
1
10
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
s
100
s
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
1ms
100
s
TC = 105oC
TJ = MAX RATED
10ms
DC
100ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com