Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0061AS2 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP0061AS2
Description  60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0061AS2 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP0061AS2 Datasheet HTML 2Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 7Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 8Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 9Page - Renesas Technology Corp HIP0061AS2 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FN3982 Rev 0.00
Page 10 of 10
December 1997
HIP0061
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1997. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
e
e3
B
HEADER
-A-
E
A
D1
D
ØP
-B-
E2
E1
0.010 (0.25)
A B
M
M
7 PLACES
L
BOTTOM
L1
e1
e2
C
0.024 (0.61)
A
M
ALL LEADS
F
0.006 (0.15)
Single-In-Line Plastic Packages (SIP)
Z7.05C
7 LEAD PLASTIC SINGLE-IN-LINE PACKAGE
STAGGERED VERTICAL LEAD FORM
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.170
0.180
4.32
4.57
-
B
0.028
0.034
0.71
0.86
3, 4
C
0.018
0.024
0.46
0.60
3
D
0.395
0.405
10.04
10.28
-
D1
0.198
0.202
5.03
5.13
-
E
0.595
0.605
15.11
15.37
-
E1
0.350
0.370
8.89
9.39
-
E2
0.110 BSC
2.79 BSC
e
0.050 BSC
1.27 BSC
-
e1
0.200 BSC
5.08 BSC
-
e2
0.169 BSC
4.29 BSC
-
e3
0.300 BSC
7.62 BSC
-
F
0.048
0.055
1.22
1.39
3
L
0.150
0.176
3.81
4.47
-
L1
0.600
0.620
15.24
15.74
-
ØP
0.147
0.152
3.73
3.86
3
Rev. 0 6/95
NOTES:
1. Controlling dimension: INCH.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimensions include lead finish.
4. Dimension “B” does not include dambar protrusion. Allowable
dambar protrusion shall not cause lead width to exceed maxi-
mum “B” by more than 0.003 inches (0.08mm).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com