Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2060AS3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP2060AS3
Description  60V, 10A Half Bridge Power MOSFET Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2060AS3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP2060AS3 Datasheet HTML 1Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 2Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 3Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 4Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 5Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 6Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FN3983 Rev 5.00
Page 1 of 7
April 1998
FN3983
Rev 5.00
April 1998
HIP2060
60V, 10A Half Bridge Power MOSFET Array
DATASHEET
Features
• Two 10A Power MOS N-Channel Transistors
• Output Voltage to 60V
•rDS(ON) . . . . . 0.135 Max Per Transistor at VGS = 15V
•rDS(ON) . . . . . . 0.15 Max Per Transistor at VGS = 10V
• Pulsed Current . . . . . . . . . . . . . . . 25A Each Transistor
• Avalanche Energy. . . . . . . . . . . 100mJ Each Transistor
• Grounded Tab Eliminates Heat Sink Isolation
Description
The HIP2060 is a power half-bridge MOSFET array that con-
sists of two matched N-Channel enhancement-mode MOS
transistors. The advanced Intersil PASIC2 process technol-
ogy used in this product utilizes efficient geometries that pro-
vides outstanding device performance and ruggedness.
The HIP2060 is designed to integrate two power devices in
one chip thus providing board layout area and heat sink sav-
ings for applications such as Motor Controls, Uninterruptable
Power Supplies, Switch Mode Power Supplies, Voice Coil
Motors, and Class D Power Amplifier.
Symbol
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP2060AS1
-40 to 125
5 Ld SIP
Z5.067C
HIP2060AS2
-40 to 125
5 Ld Gullwing SIP Z5.067A
HIP2060AS3
-40 to 125
5 Ld SIP
Z5.067B
NOTE: When ordering use the entire part number.
GATE1
GATE2
1
5
2
SOURCE1 = DRAIN2
4
SOURCE2
Z1
Z2
3, TAB
D1
DRAIN1
Packages
JEDEC TS-001AA (ALTERNATE VERSION)
HIP2060 AS1
JEDEC MO-169
HIP2060 AS2
Z5.067B (SIP)
HIP2060 AS3
5 4
3 2
1
(TAB)
5 DRAIN1
4 SOURCE1-DRAIN2
3 SOURCE2
2 GATE2
1 GATE1


Similar Part No. - HIP2060AS3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2060AS3 INTERSIL-HIP2060AS3 Datasheet
59Kb / 8P
60V, 10A Half Bridge Power MOSFET Array
April 1998
More results

Similar Description - HIP2060AS3

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
POWER TRANSISTORS(10A,60V,75W)
logo
Texas Instruments
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
logo
Fairchild Semiconductor
NDS8858H FAIRCHILD-NDS8858H Datasheet
350Kb / 12P
Complementry MOSFET Half Bridge
logo
Intersil Corporation
HIP2060 INTERSIL-HIP2060 Datasheet
59Kb / 8P
60V, 10A Half Bridge Power MOSFET Array
April 1998
logo
Allegro MicroSystems
3946 ALLEGRO-3946 Datasheet
459Kb / 14P
Half-Bridge Power MOSFET Controller
3946 ALLEGRO-3946_04 Datasheet
313Kb / 13P
Half-Bridge Power MOSFET Controller
logo
Texas Instruments
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
logo
Allegro MicroSystems
A3946 ALLEGRO-A3946 Datasheet
328Kb / 14P
Half-Bridge Power MOSFET Controller
A3946 ALLEGRO-A3946_16 Datasheet
327Kb / 14P
Half-Bridge Power MOSFET Controller
logo
Rohm
RD3L01BAT ROHM-RD3L01BAT Datasheet
2Mb / 14P
Pch -60V -10A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com