Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2060AS3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP2060AS3
Description  60V, 10A Half Bridge Power MOSFET Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2060AS3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP2060AS3 Datasheet HTML 1Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 2Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 3Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 4Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 5Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 6Page - Renesas Technology Corp HIP2060AS3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HIP2060
FN3983 Rev 5.00
Page 2 of 7
April 1998
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
HIP2060
UNITS
Continuous Drain-Source Voltage Over Operating Junction and Case Temperature Range . . . . . VDS
60
V
Drain-Gate Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDGR
60
V
Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
20
V
Continuous Source-Drain Diode Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ISD
10
A
Pulsed Drain Current, each Output, all Outputs on (Notes 1, 2) . . . . . . . . . . . . . . . . . . . . . . . IDM
25
A
Continuous Drain Current, each Output, all Outputs on (Note 2) . . . . . . . . . . . . . . . . . . . . . . . .IDS
10
A
Single Pulse Avalanche Energy (Note 3) Refer to UIS Curve . . . . . . . . . . . . . . . . . . . . . . . . . EAS
100
mJ
Continuous Power Dissipation at TC = 25oC (Infinite Heatsink). . . . . . . . . . . . . . . . . . . . . . . . . PD
46
W
Continuous Power Dissipation, Derate above TC = 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.37
W/oC
Thermal Information
JA
60
oC/W
Operating Case Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TC
-40 to 125
oC
Junction and Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-40 to 150
oC
Lead Temperature (For Soldering, 10s)(Lead Tips Only). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
300
oC
Continuous Drain1-Source2 Voltage Over Operating Junction Temperature Range. . . . . . VD1S2
60
V
NOTES:
1. Pulse width limited by maximum junction temperature.
2. Drain current limited by package construction.
3. VDD = 25V, Start TJ = 25oC, L = 1.5mH, RGS = 50, R = 0. See Figures 2, 12, and 13.
Electrical Specifications
TC = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain-Source Breakdown Voltage
BVDSS
ID = 100A, VGS = 0V
TC = -40oC to
125oC
60
-
-
V
TC = 25oC-
70
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250A
1.5
2.3
2.7
V
Drain1-Source2 Breakdown Voltage
(Across D1)
BVD1S2
ID1S2 = 1A,
VG1S1, VG2S2 = 0V
TC = 25oC
-
105
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 60V
VGS = 0V
TC = 25oC-
-
1
A
Drain1-Source2 Current (Through D1)
ID1S2
VD1S2 = 60V
VG1S1 = 0V, VG2S2 = 0V
TC = 25oC-
0.3
1
A
TC = 125oC-
1
-
A
Drain-Source On-State Voltage
(Note 4)
VDS(ON)
ID = 10A, VGS = 15V
-
0.9
1.25
V
ID = 10A, VGS = 10V
-
1.1
1.5
V
Forward Gate Current, Drain Short
Circuited to Source
IGSSF
VDS = 0V, VGS = 20V
-
-
100
nA
Reverse Gate Current, Drain Short
Circuited to Source
IGSSR
VDS = 0V, VGS = -20V
-
-
-100
nA
Drain-Source On Resistance (Note 4)
rDS(ON)
VGS = 15V, ID = 10A
TC = 25oC
-
0.09
0.135
VGS = 15V, ID = 10A
TC = 125oC
-
0.15
0.21
VGS = 10V, ID = 10A
TC = 25oC
-
0.11
0.15
VGS = 10V, ID = 10A
TC = 125oC
-
0.19
0.25
Forward Transconductance (Note 4)
gfs
VDS = 15V, ID = 5A
-
4.5
-
S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com