Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2500IP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP2500IP
Description  Half Bridge 500VDC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2500IP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP2500IP Datasheet HTML 1Page - Renesas Technology Corp HIP2500IP Datasheet HTML 2Page - Renesas Technology Corp HIP2500IP Datasheet HTML 3Page - Renesas Technology Corp HIP2500IP Datasheet HTML 4Page - Renesas Technology Corp HIP2500IP Datasheet HTML 5Page - Renesas Technology Corp HIP2500IP Datasheet HTML 6Page - Renesas Technology Corp HIP2500IP Datasheet HTML 7Page - Renesas Technology Corp HIP2500IP Datasheet HTML 8Page - Renesas Technology Corp HIP2500IP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
HIP2500
Typical Performance Curves
FIGURE 1. MAXIMUM POWER DISSIPATION vs TEMPERATURE
FIGURE 2. HIGH VOLTAGE POWER DISSIPATION vs
SWITCHING FREQUENCY
FIGURE 3. LOW VOLTAGE POWER DISSIPATION vs
FREQUENCY
FIGURE 4. VSS OFFSET vs VCC SUPPLY VOLTAGE
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100110120130
AMBIENT TEMPERATURE (oC)
HIP2500-IB
HIP2500-IP1
HIP2500-IP
10
100
1000
SWITCHING FREQUENCY (kHz)
1.0
0.1
0.01
0.001
VBIAS = 15V
CL = 100pF
TA = +25oC
VS = 400V
VS = 300V
VS = 200V
VS = 100V
10
1.0
0.1
0.01
10
100
1000
SWITCHING FREQUENCY (kHz)
2100pF
907pF
100pF
VS = VSS = COM
VBS = VCC = 15VDC
TA = +25oC
NOTE: All switching losses assumed to be in IC.
6
4
2
0
-2
-4
10
12
14
16
SUPPLY VOLTAGE (V)
MAX VSS OFFSET
MIN VSS OFFSET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com