Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2500IP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP2500IP
Description  Half Bridge 500VDC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2500IP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP2500IP Datasheet HTML 1Page - Renesas Technology Corp HIP2500IP Datasheet HTML 2Page - Renesas Technology Corp HIP2500IP Datasheet HTML 3Page - Renesas Technology Corp HIP2500IP Datasheet HTML 4Page - Renesas Technology Corp HIP2500IP Datasheet HTML 5Page - Renesas Technology Corp HIP2500IP Datasheet HTML 6Page - Renesas Technology Corp HIP2500IP Datasheet HTML 7Page - Renesas Technology Corp HIP2500IP Datasheet HTML 8Page - Renesas Technology Corp HIP2500IP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
HIP2500
FIGURE 5. OFFSET SUPPLY LEAKAGE vs TEMPERATURE
FIGURE 6. MAXIMUM NEGATIVE VS OFFSET VOLTAGE vs VBS
VOLTAGE
FIGURE 7. UNDERVOLTAGE LOCKOUT vs TEMPERATURE
FIGURE 8. INPUT LOGIC THRESHOLD vs SUPPLY VOLTS
FIGURE 9. QUIESCENT VBS SUPPLY CURRENT vs
TEMPERATURE
FIGURE 10. RISE AND FALL TIME vs LOAD CAPACITANCE
Typical Performance Curves (Continued)
10
1.0
0.1
0
20406080
100
120
140
TEMPERATURE (oC)
100V
200V
500V
400V
300V
10
9
8
7
6
5
4
3
2
10
11
12
13
14
15
16
17
18
BOOTSTRAP SUPPLY VOLTAGE
VCC = 15V AND 12V
TJ = +25oC
VCC = 15V
VCC = 12V
9.35
9.2
9.0
8.9
-40
0
40
100
140
TEMPERATURE (oC)
120
80
60
20
-20
8.95
9.05
9.1
9.15
9.25
9.3
VCC UV+
VBS UV+
VCC UV-
VBS UV-
10
8
6
4
2
6
8
10
12
14
16
18
LOGIC SUPPLY VOLTAGE (V)
TJ = -40oC TO +125oC
VTH+
VTH-
5
(VDD TO VSS)
450
400
350
300
250
200
150
-50
0
50
100
150
JUNCTION TEMPERATURE (oC)
18V IQBS1
18V IQBS0
14V IQBS1
14V IQBS0
10V IQBS1
10V IQBS0
120
100
80
60
40
20
0
100
1000
1E4
LOAD CAPACITANCE (pF)
tF
tR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com