Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP4080
Description  80V/2.5A Peak, High FrequencyFull Bridge FET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP4080 Datasheet HTML 9Page - Renesas Technology Corp HIP4080 Datasheet HTML 10Page - Renesas Technology Corp HIP4080 Datasheet HTML 11Page - Renesas Technology Corp HIP4080 Datasheet HTML 12Page - Renesas Technology Corp HIP4080 Datasheet HTML 13Page - Renesas Technology Corp HIP4080 Datasheet HTML 14Page - Renesas Technology Corp HIP4080 Datasheet HTML 15Page - Renesas Technology Corp HIP4080 Datasheet HTML 16Page - Renesas Technology Corp HIP4080 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
HIP4080
FN3178 Rev 11.00
Page 13 of 21
February, 2003
FIGURE 24. VLDEL, VHDEL VOLTAGE vs TEMPERATURE
FIGURE 25. HIGH LEVEL OUTPUT VOLTAGE, VCC - VOH vs
BIAS SUPPLY AND TEMPERATURE AT 100mA
FIGURE 26. LOW LEVEL OUTPUT VOLTAGE VOL vs BIAS
SUPPLY AND TEMPERATURE AT 100mA
FIGURE 27. PEAK PULLDOWN CURRENT IO vs BIAS SUPPLY
VOLTAGE
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V,
RHDEL =RLDEL= 100K, and TA = 25oC, Unless Otherwise Specified (Continued)
-40
-20
0
20
40
60
80
100
120
4.0
4.5
5.0
5.5
6.0
JUNCTION TEMPERATURE (oC)
6
8
10
12
14
0
250
500
750
1000
1250
1500
BIAS SUPPLY VOLTAGE (V)
75oC
25oC
125oC
-40oC
0oC
6
8
10
12
14
0
250
500
750
1000
1250
1500
BIAS SUPPLY VOLTAGE (V)
75oC
25oC
125oC
-40oC
0oC
6
7
8
9
10
11
12
13
14
15
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDD, VCC, VAHB, VBHB (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com