Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2210EVAL1Z Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HIP2210EVAL1Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2210EVAL1Z Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HIP2210EVAL1Z Datasheet HTML 13Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 14Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 15Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 16Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 17Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 18Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 19Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 20Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
HIP2210, HIP2211
4. Functional Description
FN9347 Rev.1.01
Page 17 of 27
Jun.23.20
4.
Functional Description
4.1
Gate Drive for NMOS Half-Bridge
The HIP2210 and HIP2211 are NMOS FET drivers for half-bridge, full-bridge, two-switch forward, active clamp, or
synchronous buck configurations. In half-bridge configurations, the gate of the low-side FET requires a ground
referenced signal above the gate threshold voltage to switch on and off. The high-side FET source terminal is
connected to the drain of the low-side FET and is called the Phase or Switch node. When the high-side FET is on,
its source terminal is at the high voltage supply. The gate drive of the high-side FET requires a floating bootstrap
supply to properly drive the high-side FET gate voltage relative to its source terminal. A bootstrap circuit is
implemented on these drivers to properly switch the high-side and low-side NMOS FETs.
4.2
Functional Overview
The HIP2210 and HIP2211 drivers are designed to switch NMOS FETs in up to 100V half-bridge configurations.
The drivers feature strong 3A sourcing and 4A sinking output drive capability and fast 15ns propagation delay
times to switch low rDS(ON) NFETs for up to 1MHz applications. With an integrated bootstrap diode, the floating
high-side bias requires only an external bootstrap capacitor to properly drive the high-side FET.
The drivers have integrated UVLO on both the VDD and Boot supply to prevent low gate voltage drive to the
NFETs. The HIP2210 and HIP2211 can operate across a wide VDD voltage range of 6V to 18V.
The HIP2211 has 3.3V CMOS compatible HI and LI inputs to control the high-side and low-side driver outputs,
respectively.
The HIP2210 features a single tri-level PWM input to control the high-side and low-side drivers. The tri-level
thresholds are set by an external VREF pin, which allows PWM control from 2.7V to 5.5V logic supply voltages.
When PWM is high, the high-side driver is sourcing and the low-side driver is sinking. When PWM is low, the
low-side driver is sourcing and the high-side driver is sinking. When PWM is at mid-level, both driver outputs are
sinking to put the half-bridge in a high impedance state. The HIP2210 also has an EN pin to enable the input logic
control, or disable it and place the half-bridge in high impedance state. This EN pin feature is useful to prevent
false switching of the NFETs during controller start-up. See “Applications Information” on page 18 for more
information about the PWM input control.
The HIP2210 controls dead time with an adjustable dead time delay pin (RDT). A resistor to ground sets a dead
time delay of the rising edge of the driver output. See Applications Information for more information about setting
the adjustable dead time delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com