Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2210EVAL1Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HIP2210EVAL1Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2210EVAL1Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HIP2210EVAL1Z Datasheet HTML 17Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 18Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 19Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 20Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 21Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 22Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 23Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 24Page - Renesas Technology Corp HIP2210EVAL1Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
HIP2210, HIP2211
5. Applications Information
FN9347 Rev.1.01
Page 21 of 27
Jun.23.20
charge losses. The calculation of the power dissipation of the HIP2210/HIP2211 is approximated by Equation 3
through Equation 9:
5.10.1 Gate Power (for the HO and LO Outputs)
where QgateH and QgateL are the total gate charge of the high-side and low-side bridge FET, respectively.
This information is commonly found in the MOSFET datasheet typical performance curves for Qgs vs Gate
Voltage. VDD is the bias to the HIP2210/HIP2211 and Freq is the PWM switching frequency operation.
5.10.2 Boot Diode Dissipation
Equation 4 and Equation 5 represent the boot diode conduction loss from recharging the boot capacitor during the
boot refresh cycle (phase node is low). The average current is proportional to the total charge delivered to the
high-side NMOS FET and the switching frequency.
where 0.7V is the typical internal boot diode forward voltage of the HIP2210/HIP2211, and Rdiode is the dynamic
resistance of the boot diode. See Figure 22 and Figure 23.
5.10.3 Dynamic Operating Current
where Idynamic is the dynamic operating current of the HIP2210 or HIP2211 into the HB pin at the switching
frequency.
VHB is the average boot to phase voltage and is approximately VHB - VHS = VDD - 0.7V.
5.10.4 Total Power Dissipation
5.10.5 Junction Operating Temperature
where TJ is the junction temperature at the operating ambient temperature in the vicinity of the part, TA.
where TJ is the junction temperature with the operating temperature of the PCB, TPCB, as measured where the
EPAD is soldered.
(EQ. 3)
Pgate
QgateH QgateL
+
 Freq VDD
=
(EQ. 4)
Idiode_avg
Qgate Freq
=
(EQ. 5)
Pdiode
Idiode_avg 0.7V Idiode_avg Rdiode
+

=
(EQ. 6)
Pdynamic
Idynamic VHB
=
(EQ. 7)
Ptotal
Pgate Pdiode Pdynamic
++
=
(EQ. 8)
TJ
Ptotal JA
TA
+
=
(EQ. 9)
TJ
Ptotal JC
TPCB
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com