Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6200 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP6200
Description  Transient Voltage Regulator DeCAPitator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6200 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP6200 Datasheet HTML 1Page - Renesas Technology Corp HIP6200 Datasheet HTML 2Page - Renesas Technology Corp HIP6200 Datasheet HTML 3Page - Renesas Technology Corp HIP6200 Datasheet HTML 4Page - Renesas Technology Corp HIP6200 Datasheet HTML 5Page - Renesas Technology Corp HIP6200 Datasheet HTML 6Page - Renesas Technology Corp HIP6200 Datasheet HTML 7Page - Renesas Technology Corp HIP6200 Datasheet HTML 8Page - Renesas Technology Corp HIP6200 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HIP6200, HIP6201
FN4423 Rev 3.00
Page 5 of 9
February 5, 2015
Application Information
Theory of Operation
The HIP6200 is used in conjunction with a switching DC/DC
converter to provide a regulated DC voltage. The output
voltage of a DC/DC converter changes instantly with sudden
load changes characteristic of today’s microprocessors. This
change occurs because the bulk capacitors are imperfect;
they have parasitic resistances (ESR) and inductances (ESL)
which translate into voltage drops as the load is initially
supplied by the bulk capacitance. Also, due to its output
inductor, the DC/DC converter takes about 10-20
s (typical)
before it provides the load current required by the CPU. The
HIP6200 contains two high-speed linear regulators which are
inactive except during the converter response time after high
di/dt load transients. When active, the linear regulators
maintain a small difference between the desired and actual
output voltage.
The Typical Application Diagrams below illustrate how the
DeCAPitator functions. The left side shows a common
DC/DC converter response to a fast ‘low-to-high’ load
transient. The right side shows a similar response with a
HIP6200 circuit employed. The HIP6200 allows the use of
fewer bulk capacitors to handle the regulation requirements
of the high edge-rate load transients. The response time of
the HIP6200’s linear regulators (100ns typical) are fast
enough to help with the leading edge spike. Output voltage
deviations during the converter response time are reduced
with the HIP6200 since it helps supply the load while the
inductor current slews.
Typical Application Diagrams
CBULK: (11) 220F, 10V, 0.1 Tantalums
FIGURE 1. PORTABLE CPU WITHOUT HIP6200, HIP6201
CBULK: (5) 100F, 10V, 0.1 Tantalums
CCAP: small Ceramic (0805)
CVCC: small Ceramic (0805)
CPVCC: (1) 100F, 10V, 0.1 Tantalum
FIGURE 2. PORTABLE CPU WITH HIP6200, HIP6201
ICPU
IL
VOUT
CPU
LOAD
PWM
CONTROLLER
BATTERY
POWER
CBULK
ICPU
IL
VOUT
ICPU
IL
IOUT
VOUT
VCAP
CONVERTER
RESPONSE TIME (TR)
+5V
CPU
LOAD
CAP
VCC
PVCC
OUT
GND
EN
SNS
PGND
4
8
5
3
2
6
7
1
HIP6201
CBULK
IL
ICPU
VOUT
IOUT
VCAP
CCAP
CPVCC
BATTERY
POWER
PWM
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com