Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6200 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP6200
Description  Transient Voltage Regulator DeCAPitator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6200 Datasheet(HTML) 8 Page - Renesas Technology Corp

  HIP6200 Datasheet HTML 1Page - Renesas Technology Corp HIP6200 Datasheet HTML 2Page - Renesas Technology Corp HIP6200 Datasheet HTML 3Page - Renesas Technology Corp HIP6200 Datasheet HTML 4Page - Renesas Technology Corp HIP6200 Datasheet HTML 5Page - Renesas Technology Corp HIP6200 Datasheet HTML 6Page - Renesas Technology Corp HIP6200 Datasheet HTML 7Page - Renesas Technology Corp HIP6200 Datasheet HTML 8Page - Renesas Technology Corp HIP6200 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FN4423 Rev 3.00
Page 8 of 9
February 5, 2015
HIP6200, HIP6201
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2002-2015. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
In actual systems, the load transient will most likely be of
varying frequency and step size. The power dissipation
of the HIP6200/1 becomes even more difficult to estimate
analytically.
HIP6200 Temperature Rise
The HIP6200/1 junction temperature can be estimated
simply by:
where:
JA is the thermal resistance from junction to ambient.
Example:
HIP6200/1 Junction Temperature Calculation
TAMBIENT = 70oC
PDISS = 0.2W
JA = 100oC/W
THIP6200 = 70oC + (0.2 x 100) = 90oC
In a similar fashion, one could estimate the maximum
allowable power dissipation for given maximum ambient and
transient loading and determine the boundary of maximum
transient frequency.
Example
Maximum Transient Frequency Calculation
TAMBIENT = 70oC
THIP6200 = 110oC max
JA = 80oC/W (this number is dependent upon airflow and
the amount of pc board trace connected to HIP6200
Max PDISS = (110oC - 70oC)/(80oC/W) = 0.5W
From Figures 4 and 5, the estimated maximum transient
frequency is obtained for any of the seven cases shown. For
instance, from Figure 4, the maximum transient frequency is
about 4kHz for the 8A transient step and the conditions
stipulated.
FIGURE 5. ESTIMATED HIP6200, HIP6201 POWER
DISSIPATION vs CONVERTER RESPONSE TIME
TRANSIENT FREQUENCY (Hz)
102
103
104
0.1
0.2
0.3
0.4
0.5
0.6
TR1 = 2s, TR2 = 10s
TR1 = 5s, TR2 = 20s
TR1 = 10s, TR2 = 30s
TR1 = 15s, TR2 = 40s
THIP6200
TAMBIENT PDISS JA

+
=
(EQ. 8)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com