Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6500BCB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP6500BCB
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6500BCB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP6500BCB Datasheet HTML 6Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 7Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 8Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 9Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 10Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 11Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 12Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 13Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
HIP6500B
FN4870 Rev 0.00
Page 10 of 15
May 2000
SOFT-START INTO ACTIVE STATES (S0, S1)
If both S3 and S5 are logic high at the time the 5VSB is applied,
the HIP6500B will assume active state wake-up and keep off the
controlled external transistors and the VCLK output until some
time (typically 25ms) after the ATX’s main outputs used by the
application (3.3V, 5V, and 12V) exceed the set thresholds. This
time-out feature is necessary in order to insure the main ATX
outputs are stabilized. The time-out also assures smooth
transitions from sleep into active when sleep states are being
supported. 3.3VSB output, whose operation is only dependent
on 5VSB presence, will come up right as bias voltage reaches
POR level.
During sleep to active state transitions from conditions where
the outputs are initially 0V (such as S5 to S0 transition with
EN3VDL = 1 and EN5VDL = 0, or simple power-up sequence
directly into active state), the 3VDUAL and 5VDUAL outputs go
through a quasi soft-start by being pulled high through the
body diodes of the N-Channel MOSFETs connected between
these outputs and the 3.3V and 5V ATX outputs. Figure 10
shows this start-up.
5VSB is already present when the main ATX outputs are
turned on at time T0. As a result of +3.3VIN and +5VIN ramping
up, the 3.3VDUAL and 5VDUAL output capacitors charge up
through the body diodes of Q3 and Q5, respectively (see
Figure 3). At time T1, all main ATX outputs exceed the
HIP6500B’s undervoltage thresholds, and the internal 25ms
(typical) timer is initiated. At T2 the time-out initiates a soft-
start, and the memory and clock outputs are ramped-up,
reaching regulation limits at time T3. Simultaneous with the
beginning of the memory and clock voltage ramp-up, at time
T2, the DLA pin is pulled high, turning on Q3 and Q5 in the
process, and bringing the 3.3VDUAL and 5VDUAL outputs in
regulation. Shortly after time T3, as the SS voltage reaches
2.75V, the soft-start capacitor is quickly discharged down to
approximately 2.45V, where it remains until a valid sleep state
request is received from the system.
Fault Protection
All the outputs are monitored against undervoltage events. A
severe overcurrent caused by a failed load on any of the
outputs, would, in turn, cause that specific output to suddenly
drop. If any of the output voltages drop below 80% (typical) of
their set value, such event is reported by having the
FAULT/MSEL pin pulled to 5V. Additionally, exceeding the
maximum current rating of an integrated regulator (output with
pass regulator on chip) can lead to output voltage drooping; if
excessive, this droop can ultimately trip the undervoltage
detector and send a FAULT signal to the computer system.
A FAULT condition occurring on an output when controlled
through an external pass transistor will only set off the FAULT
flag, and it will not shut off or latch off any part of the circuit. A
FAULT condition occurring on an output when controlled
through an internal pass transistor, will set off the FAULT flag,
and it will shut off the faulting regulator only. If shutdown or
latch off of the entire circuit is desired in case of a fault,
regardless of the cause, this can be achieved by externally
pulling or latching the SS pin low. Pulling the SS pin low will
also force the FAULT pin to go low and reset an internally
latched-off output.
Special consideration is given to the initial start-up sequence. If,
following a 5VSB POR event, the 3.3VSB output is ramped up
and is subject to an undervoltage event before the remainder of
the controlled voltages have been brought up, then the FAULT
output goes high and the entire IC latches off. Latch-off condition
can be reset by cycling the bias power (5VSB). Undervoltage
events on the 3.3VSB output at any other times are handled
according to the description found in the second paragraph
under the current heading.
Another condition that could set off the FAULT flag is chip
over-temperature. If the HIP6500B reaches an internal
temperature of 140oC (typical), the FAULT flag is set off, but
the chip continues to operate until the temperature reaches
155oC (typical), when unconditional shutdown of all outputs
takes place. Operation resumes at 140oC and the temperature
cycling occurs until the fault-causing condition is removed.
In HIP6500B applications, loss of any one active ATX output
(3.3VIN, 5VIN, or 12VIN; as detected by the on-board voltage
monitors) during active state operation causes the chip to
switch to S5 sleep state, in addition to reporting the input UV
condition on the FAULT/MSEL pin. Exiting from this forced-S5
state can only be achieved by returning the faulting input
voltage above its UV threshold, by resetting the chip through
removal of 5VSB bias voltage, or by bringing the SS pin at a
potential lower than 0.8V.
Output Voltages
The output voltages are internally set and do not require any
external components. Selection of the VMEM memory voltage
is done by means of an external resistor connected between
the FAULT/MSEL pin and ground. An internal 40
A (typical)
current source creates a voltage drop across this resistor.
FIGURE 11. 2.5/3.3VMEM OUTPUT VOLTAGE SELECTION
CIRCUITRY DETAILS
FAULT/MSEL
40
A
+
-
+
-
0.2V
MEM VOLTAGE
SELECT COMP
RSEL
RSEL
VMEM
1k
10k
2.5V
3.3V
5VSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com