Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6500BCB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HIP6500BCB
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6500BCB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HIP6500BCB Datasheet HTML 10Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 11Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 12Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 13Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 14Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 15Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 16Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 17Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
HIP6500B
FN4870 Rev 0.00
Page 14 of 15
May 2000
HIP6500B Application Circuit
Figure 14 shows an application circuit of an ACPI-sanctioned
power management system for a microprocessor computer
system. The power supply provides the 3.3VSB voltage
(VOUT1), the PCI 3.3VDUAL voltage (VOUT3), the RDRAM
2.5VMEM memory voltage (VOUT2), the 2.5VCLK clock voltage
(VOUT4), and the 5VDUAL voltage (VOUT5) from +3.3V,
+5VSB, and +12VDC ATX supply outputs. For systems
employing SDRAM memory, replace R1 with 10k
 and Q1
with an HUF76113SK8. Q4 can also be a PNP, such as an
MMBT2907AL. For detailed information on the circuit,
including a Bill-of-Materials and circuit board description, see
Application Note AN9862.
Also see Intersil Corporation’s web page (www.intersil.com) or
Intersil AnswerFAX
(321-724-7800) for the latest information.
C9
C4
R1
2X150
F
1
F
150
F
220
F
GND
5VSB
+3.3VIN
+5VSB
VSEN2
DRV2
C6,7
HIP6500B
12V
+12VIN
VOUT2
2.5VMEM
Q1
VOUT3
3.3VDUAL
+5VIN
C14
VOUT5
5VDUAL
3V3DL
3V3DLSB
Q2
Q3
Q4
Q5
DLA
5VDLSB
FAULT/MSEL
5VDL
SS
CONFIGURATION
EN5VDL
S3
+
+
C3
1
F
C1
1
F
C2
220
F
+
C8
1
F
+
1K
1
F
C15
1
F
2SD1802
2SD1802
FDV304P
SHUTDOWN
1/2
1/2 HUF76113DK8
C10
U1
C13
0.1
F
(FROM OPEN-DRAIN N-MOS)
3V3SB
VCLK
VOUT4
2.5VCLK
150
F
C11 +
C12
1
F
VOUT1
3.3VSB
C5
10
F
+
SLP_S3
SLP_S5
FIGURE 14. TYPICAL HIP6500B APPLICATION DIAGRAM
3V3
EN3VDL
S5
HARDWARE
5V
HUF76113DK8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com