Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6500BEVAL1 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HIP6500BEVAL1
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6500BEVAL1 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HIP6500BEVAL1 Datasheet HTML 17Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 18Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 19Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 20Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 21Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 22Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 23Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 24Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
HIP6500B
FN4870 Rev 0.00
Page 6 of 15
May 2000
Functional Pin Descriptions
3V3 (Pin 7)
Connect this pin to the ATX 3.3V output. This pin provides the
output current for the 2V5CLK pin, and is monitored for power
quality.
5VSB (Pin 2)
Provide a very well de-coupled 5V bias supply for the IC to this
pin by connecting it to the ATX 5VSB output. This pin provides
the output current for the 3V3SB and VSEN2 pins, as well as
the base current for Q2. The voltage at this pin is monitored for
power-on reset (POR) purposes.
5V (Pin 18)
Connect this pin to the ATX 5V output. This pin provides the
base bias current for Q1, and is monitored for power quality.
12V (Pin 17)
Connect this pin to the ATX 12V output. This pin provides the
gate bias voltage for Q3 and Q5, and is monitored for power
quality.
GND (Pin 11)
Signal ground for the IC. All voltage levels are measured with
respect to this pin.
S3 and S5 (Pins 9 and 10)
These pins switch the IC’s operating state from active (S0,
S1/S2) to S3 and S4/S5 sleep states. These are digital inputs
featuring internal 50k
 (typical) resistor pull-ups to 5VSB.
Internal circuitry de-glitches these pins for disturbances lasting
as long as 2
s (typically). Additional circuitry blocks any illegal
state transitions (such as S3 to S4/S5 or vice versa).
Respectively, connect S3 and S5 to the computer system’s
SLP_S3 and SLP_S5 signals.
EN3VDL and EN5VDL (Pins 20 and 8)
These pins control the logic governing the dual outputs’
behavior in response to S3 and S4/S5 requests. These are
digital inputs whose status can only be changed during active
states operation or during chip shutdown (SS pin grounded by
external open-drain device or chip bias below POR level). The
input information is latched-in when entering a sleep state, as
well as following 5VSB POR release or exit from shutdown.
EN3VDL features an internal 50k
 pull-down resistor, while
EN5VDL is internally pulled high through a similar resistor.
FAULT/MSEL (Pin 12)
This is a multiplexed function pin allowing the setting of the
memory output voltage to either 2.5V or 3.3V (for RDRAM or
SDRAM memory systems). In case of an undervoltage on any
of the outputs or on any of the monitored ATX outputs, or in
case of an overtemperature event, this pin is used to report the
fault condition by being pulled to 5VSB.
SS (Pin 16)
Connect this pin to a small ceramic capacitor (no less than 5nF;
0.1
F recommended). The internal soft-start (SS) current source
along with the external capacitor creates a voltage ramp used to
control the ramp-up of the output voltages. Pulling this pin low with
an open-drain device shuts down all the outputs as well as force
the FAULT pin low. The CSS capacitor is also used to provide a
controlled voltage slew rate during active-to-sleep transitions on
the 3.3VDUAL, and VMEM outputs.
VSEN2 (Pin 1)
Connect this pin to the memory output (VOUT2). In sleep
states, this pin is regulated to 2.5V or 3.3V (based on RSEL)
through an internal pass transistor capable of delivering
300mA (typically). When VOUT2 is programmed to 2.5V, the
active-state voltage at this pin is regulated through an external
NPN transistor connected at the DRV2 pin. For the 3.3V
setting, the ATX 3.3V is passed to this pin through a fully on N-
MOS transistor. During all operating states, the voltage at this
pin is monitored for under-voltage events.
DRV2 (Pin 19)
For the 2.5V RDRAM systems connect this pin to the base of a
suitable NPN transistor. This pass transistor regulates the 2.5V
output from the ATX 3.3V during active states operation. For
3.3V SDRAM systems connect this pin to the gate of a suitable
N-MOS transistor; this transistor is used to switch in the ATX
3.3V output.
3V3DL (Pin 5)
Connect this pin to the 3.3V dual output (VOUT3). In sleep
states, the voltage at this pin is regulated to 3.3V; in active
states, ATX 3.3V output is delivered to this node through a fully
on N-MOS transistor. During all operating states, this pin is
monitored for under-voltage events.
3V3DLSB (Pin 4)
Connect this pin to the base of a suitable NPN transistor. In
sleep state, this transistor is used to regulate the voltage at the
3V3DL pin to 3.3V.
DLA (Pin 13)
Connect this pin to the gates of suitable N-MOSFETs, which in
active state, switch in the ATX 3.3V and 5V outputs into the
3.3VDUAL and 5VDUAL outputs, respectively.
5VDL (Pin 15)
Connect this pin to the 5VDUAL output (VOUT5). In either
operating state, the voltage at this pin is provided through a
fully on MOS transistor. This pin is also monitored for
undervoltage events.
5VDLSB (Pin 14)
Connect this pin to the gate of a suitable P-MOSFET or bipolar
PNP. In sleep state, this transistor is switched on, connecting
the ATX 5VSB output to the 5VDUAL regulator output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com