Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6500BEVAL1 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # HIP6500BEVAL1
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6500BEVAL1 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button HIP6500BEVAL1 Datasheet HTML 20Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 21Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 22Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 23Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 24Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 25Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 26Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 27Page - Renesas Technology Corp HIP6500BEVAL1 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
HIP6500B
FN4870 Rev 0.00
Page 9 of 15
May 2000
Soft-Start Circuit
SOFT-START INTO SLEEP STATES (S3, S4/S5)
The 5VSB POR function initiates the soft-start sequence. An
internal 10
A current source charges an external capacitor.
The error amplifiers reference inputs are clamped to a level
proportional to the SS (soft-start) pin voltage. As the SS pin
voltage slews from about 1.25V to 2.5V, the input clamp allows
a rapid and controlled output voltage rise.
Figure 9 shows the soft-start sequence for the typical
application start-up in sleep state with all output voltages
enabled. At time T0 5VSB (bias) is applied to the circuit. At
time T1 the 5VSB surpasses POR level. An internal fast
charge circuit quickly raises the SS capacitor voltage to
approximately 1V, then the 10
A current source continues the
charging. The soft-start capacitor voltage reaches
approximately 1.25V at time T2, at which point the 3.3VSB
error amplifiers’ reference input starts its transition, causing the
output voltage to ramp up proportionally. The ramp-up
continues until time T3 when the 3.3VSB voltage reaches the
set value. After the 3.3VSB reached its set value, as the soft-
start capacitor voltage reaches approximately 2.75V, the
under-voltage monitoring circuit of this output is activated and
the soft-start capacitor is quickly discharged to approximately
1.25V. Following the 3ms (typical) time-out between T3 and
T4, the memory and enabling pins’ selection are latched in,
and the soft-start capacitor commences a second ramp-up
designed to smoothly bring up the remainder of the voltages
required by the system. At time T5 all voltages are within
regulation limits, and as the SS voltage reaches 2.75V, all the
UV monitors are activated and the SS capacitor is quickly
discharged to 1.25V, where it remains until the next transition.
FIGURE 8. 2.5/3.3VMEM, 3.3VSB AND VCLK TIMING DIAGRAM
5VSB
12V
S3
S5
DRV2
VSEN2
VSEN2
INTERNAL
DEVICE
3V3SB
VCLK
FIGURE 9. SOFT-START INTERVAL IN A SLEEP STATE
(ALL OUTPUTS ENABLED)
0V
0V
TIME
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGES
VOUT3 (3.3VDUAL)
VOUT2
VOUT5 (5VDUAL)
T1 T2
T3
T0
5VSB
(1V/DIV)
T5
T4
VOUT1 (3.3VSB)
(2.5VMEM)
VOUT4
(2.5VCLK)
FIGURE 10. SOFT-START INTERVAL IN ACTIVE STATE
(2.5/3.3VMEM OUTPUT SHOWN IN 2.5V SETTING)
0V
0V
TIME
OUTPUT
(1V/DIV)
VOLTAGES
T1
T2
T3
T0
INPUT VOLTAGES
(2V/DIV)
+5VIN
+12VIN
+5VSB
VOUT2, 4
VOUT3 (3.3VDUAL)
VOUT1 (3.3VSB)
VOUT5 (5VDUAL)
DLA PIN
(2V/DIV)
SOFT-START
(1V/DIV)
(2.5VMEM, 2.5VCLK)
+3.3VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com