Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844246D Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS844246D
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844246D Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS844246D Datasheet HTML 9Page - Renesas Technology Corp ICS844246D Datasheet HTML 10Page - Renesas Technology Corp ICS844246D Datasheet HTML 11Page - Renesas Technology Corp ICS844246D Datasheet HTML 12Page - Renesas Technology Corp ICS844246D Datasheet HTML 13Page - Renesas Technology Corp ICS844246D Datasheet HTML 14Page - Renesas Technology Corp ICS844246D Datasheet HTML 15Page - Renesas Technology Corp ICS844246D Datasheet HTML 16Page - Renesas Technology Corp ICS844246D Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ICS844246D Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER w/FANOUT BUFFER
ICS844246DG REVISION A OCTOBER 20, 2011
13
©2011 Integrated Device Technology, Inc.
Schematic Layout
Figure 4 shows an example of ICS844246D schematic. In this
example, the device is operated at VDD = VDDO = 3.3V. An 18pF
parallel resonant 25MHz to 33.33MHz crystal is used. The load
capacitance C1 = 22pF and C2 = 22pF are recommended for
frequency accuracy. Depending on the parasitic of the printed circuit
board layout, these values might require a slight adjustment to
optimize the frequency accuracy. Crystals with other load
capacitance specifications can be used. This will require adjusting
C1 and C2.
As with any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter performance,
power supply isolation is required. The ICS844246D provides
separate power supplies to isolate noise from coupling into the
internal PLL.
In order to achieve the best possible filtering, it is recommended that
the placement of the filter components be on the device side of the
PCB as close to the power pins as possible. If space is limited, the
0.1uf capacitor in each power pin filter should be placed on the device
side of the PCB and the other components can be on the opposite
side of the PCB.
Power supply filter recommendations are a general guideline to be
used for reducing external noise from coupling into the devices. The
filter performance is designed for a wide range of noise frequencies.
This low-pass filter starts to attenuate noise at approximately 10 kHz.
If a specific frequency noise component is known, such as switching
power supplies frequencies, it is recommended that component
values be adjusted and if required, additional filtering be added.
Additionally, good general design practices for power plane voltage
stability suggests adding bulk capacitance in the local area of all
devices.
The schematic example focuses on functional connections and is not
configuration specific. Refer to the pin description and functional
tables in the datasheet to ensure that the logic control inputs are
properly set.
Figure 4. ICS844246D Application Schematic
C2
22pF
Q3
Q2
To Logic
Input
pins
Set Logic
Input to
'1'
VDDO
VDD
VDDO
C8
0.1uF
VDD
Zo_Diff = 100 Ohm
N_SEL1
C10
0.1uF
Zo_Diff = 100 Ohm
nQ5
R3
50
nQ3
RD1
Not Install
C1
22pF
VDD
Q1
Alternate
LVDS
Termination
VDDO
Logic Control Input Examples
3.3V
VDD
3.3V
+
-
R1
100
1 8 p F
Q5
muRat a, B LM18BB221S N1
FB2
1
2
C6
0.1uF
VDDA
C11
10uF
X1
25MHz -33.33MHz
nQ0
Q0
PLL_BY PASS
To Logic
Input
pins
C12
0.1uF
nQ4
RU1
1K
R2
10
R4
50
C4
0. 1u
VDD
+
-
VDD= VDDO=3.3V
C7
0. 1uF
RU2
Not Install
C5
0. 1uF
Q0
nQ1
C9
10uF
Set Logic
Input to
'0'
FB_SEL
LVDS Terminat ion
nQ2
nQ0
C3
10uF
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VDDO
VDDO
nQ2
Q2
nQ1
Q1
nQ0
Q0
PLL_BY PAS S
VDDA
VDD
FB _SE L
XTAL_I N
XTAL_OUT
N_SEL0
GND
GND
N_SEL1
nQ5
Q5
nQ4
Q4
nQ3
Q3
N_SEL0
Q4
RD2
1K
muRata, B LM18BB221SN1
FB1
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com