Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844256DI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS844256DI
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844256DI Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS844256DI Datasheet HTML 2Page - Renesas Technology Corp ICS844256DI Datasheet HTML 3Page - Renesas Technology Corp ICS844256DI Datasheet HTML 4Page - Renesas Technology Corp ICS844256DI Datasheet HTML 5Page - Renesas Technology Corp ICS844256DI Datasheet HTML 6Page - Renesas Technology Corp ICS844256DI Datasheet HTML 7Page - Renesas Technology Corp ICS844256DI Datasheet HTML 8Page - Renesas Technology Corp ICS844256DI Datasheet HTML 9Page - Renesas Technology Corp ICS844256DI Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ICS844256DGI REVISION A AUGUST5, 2010
6
©2010 Integrated Device Technology, Inc.
ICS844256DI Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
AC Electrical Characteristics
Table 6A. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Refer to the Phase Noise Plot.
Table 6B. AC Characteristics, VDD = 3.3V ± 5%, VDDO = 2.5V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Refer to the Phase Noise Plot.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
62.5
625
MHz
tsk(o)
Output Skew; NOTE 1, 2
65
ps
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 3
125MHz (1.875MHz – 20MHz)
0.43
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
565
ps
odc
Output Duty Cycle
≤ 312.5MHz
47
53
%
> 312.5MHz
45
55
%
tLOCK
PLL Lock Time
25
ms
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
62.5
625
MHz
tsk(o)
Output Skew; NOTE 1, 2
60
ps
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 3
125MHz (1.875MHz – 20MHz)
0.43
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
615
ps
odc
Output Duty Cycle
≤ 312.5MHz
47
53
%
> 312.5MHz
44
56
%
tLOCK
PLL Lock Time
25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com