Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844256DI Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS844256DI
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844256DI Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS844256DI Datasheet HTML 10Page - Renesas Technology Corp ICS844256DI Datasheet HTML 11Page - Renesas Technology Corp ICS844256DI Datasheet HTML 12Page - Renesas Technology Corp ICS844256DI Datasheet HTML 13Page - Renesas Technology Corp ICS844256DI Datasheet HTML 14Page - Renesas Technology Corp ICS844256DI Datasheet HTML 15Page - Renesas Technology Corp ICS844256DI Datasheet HTML 16Page - Renesas Technology Corp ICS844256DI Datasheet HTML 17Page - Renesas Technology Corp ICS844256DI Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ICS844256DGI REVISION A AUGUST5, 2010
14
©2010 Integrated Device Technology, Inc.
ICS844256DI Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS844256DI.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS844256DI is the sum of the core power plus the analog power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.465V * (172mA + 11mA) = 634.1mW
•
Power (outputs)MAX = VDDO_MAX * IDDO_MAX = 3.465V * 72mA = 249.48mW
Total Power_MAX = 634.1mW + 249.48mW = 883.58mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming air flow and a
multi-layer board, the appropriate value is 32.1°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.884W * 32.1°C/W = 113.4°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board.
Table 7. Thermal Resistance θ
JA for 24 Lead TSSOP, E-Pad, Forced Convection
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
32.1°C/W
25.5°C/W
24.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com