Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8442B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS8442B
Description  700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8442B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS8442B Datasheet HTML 9Page - Renesas Technology Corp ICS8442B Datasheet HTML 10Page - Renesas Technology Corp ICS8442B Datasheet HTML 11Page - Renesas Technology Corp ICS8442B Datasheet HTML 12Page - Renesas Technology Corp ICS8442B Datasheet HTML 13Page - Renesas Technology Corp ICS8442B Datasheet HTML 14Page - Renesas Technology Corp ICS8442B Datasheet HTML 15Page - Renesas Technology Corp ICS8442B Datasheet HTML 16Page - Renesas Technology Corp ICS8442B Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICS8442BY REVISION A NOVEMBER 18, 2013
13
ICS8442B Data Sheet
700MHz, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
PACKAGE OUTLINE - Y SUFFIX FOR 32 LEAD LQFP
TABLE 11. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MS-026
N
O
I
T
A
I
R
A
V
C
E
D
E
J
S
R
E
T
E
M
I
L
L
I
M
N
I
S
N
O
I
S
N
E
M
I
D
L
L
A
L
O
B
M
Y
S
A
B
B
M
U
M
I
N
I
ML
A
N
I
M
O
NM
U
M
I
X
A
M
N
2
3
A
-
--
-0
6
.
1
1
A
5
0
.
0-
-5
1
.
0
2
A
5
3
.
10
4
.
15
4
.
1
b
0
3
.
07
3
.
05
4
.
0
c
9
0
.
0-
-0
2
.
0
D
C
I
S
A
B
0
0
.
9
1
D
C
I
S
A
B
0
0
.
7
2
D
.
f
e
R
0
6
.
5
E
C
I
S
A
B
0
0
.
9
1
E
C
I
S
A
B
0
0
.
7
2
E
.
f
e
R
0
6
.
5
e
C
I
S
A
B
0
8
.
0
L
5
4
.
00
6
.
05
7
.
0
θθθθθ
0
°
-
-
7
°
c
c
c
-
--
-0
1
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com