Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS11 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS11
Description  Controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS11 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS11 Datasheet HTML 1Page - NXP Semiconductors BAS11 Datasheet HTML 2Page - NXP Semiconductors BAS11 Datasheet HTML 3Page - NXP Semiconductors BAS11 Datasheet HTML 4Page - NXP Semiconductors BAS11 Datasheet HTML 5Page - NXP Semiconductors BAS11 Datasheet HTML 6Page - NXP Semiconductors BAS11 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1996 Sep 26
5
Not recommended for new designs
Philips Semiconductors
Product specification
Controlled avalanche rectifiers
BAS11; BAS12
Fig.6
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
200
0
50
100
102
10−1
MGD297
10
IR
(
µA)
1
150
Tj (
oC)
VR =VRRMmax.
Fig.7
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
MGD296 - 1
10
VR(V)
1
10−1
102
103
10
Cd
(pF)
1
Fig.8 Device mounted on a printed-circuit board.
handbook, halfpage
MGA200
3
2
7
50
25
50
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com