Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS11 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS11
Description  Controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS11 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS11 Datasheet HTML 1Page - NXP Semiconductors BAS11 Datasheet HTML 2Page - NXP Semiconductors BAS11 Datasheet HTML 3Page - NXP Semiconductors BAS11 Datasheet HTML 4Page - NXP Semiconductors BAS11 Datasheet HTML 5Page - NXP Semiconductors BAS11 Datasheet HTML 6Page - NXP Semiconductors BAS11 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1996 Sep 26
4
Not recommended for new designs
Philips Semiconductors
Product specification
Controlled avalanche rectifiers
BAS11; BAS12
GRAPHICAL DATA
Fig.2
Maximum permissible average forward
current as a function of tie-point
temperature (including losses due to
reverse leakage).
handbook, halfpage
0
0.6
IF(AV)
(A)
0.4
0.2
0
40
200
MGD293
80
120
160
Ttp (
oC)
Lead length 10 mm.
a = 1.57; VR =VRRMmax; δ = 0.5.
Fig.3
Maximum permissible average forward
current as a function of ambient
temperature (including losses due to
reverse leakage).
handbook, halfpage
0
IF(AV)
(A)
40
200
0.4
0.3
0.1
0
0.2
80
120
160
Tamb (°C)
MGD295
Device mounted as shown in Fig.8.
a = 1.57; VR =VRRMmax; δ = 0.5.
Fig.4
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function of
average forward current.
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
handbook, halfpage
0
0.1
0.2
0.4
0.5
2.5
1.57
P
(W)
0
0.4
MGD292
0.3
IF(AV)(A)
0.3
0.2
0.1
1.42
a = 3
2
Solid line: Tj =25 °C.
Dotted line: Tj = 150 °C.
Fig.5
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
012
VF (V)
3
5
IF
(A)
0
4
MGD294
3
2
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com