Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUB32866B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICSSSTUB32866B
Description  25-Bit Configurable Registered Buffer for DDR2
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32866B Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICSSSTUB32866B Datasheet HTML 1Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 2Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 3Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 4Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 5Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 6Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
ICSSSTUB32866B
Advance Information
1165A—3/21/07
Ball Assignments
Register A (C0 = 0, C1 = 1)
C0 = 0, C1 = 0
Register B (C0 = 1, C1 = 1)
25 bit 1:1 Register
14 bit 1:2 Registers
6
Q15
Q2
GND
GND
D15
D2
B
Q16
Q3
VDD
VDD
D16
D3
C
Q17
Q5
VDD
VDD
D17
D5
E
Q18
Q6
GND
GND
D18
D6
F
Q19
Q8
GND
GND
D19
D8
K
Q20
Q9
VDD
VDD
D20
D9
L
NC
QCS
DCS
QERR
CSR
CK
RST
GND
GND
CK
H
NC
QODT
GND
GND
DODT
D
NC
QCKE
VDD
VREF
PPO
DCKE
A
Q24
Q13
VDD
VDD
D24
D13
R
Q25
Q14
VDD
VREF
D25
D14
T
ZOL
ZOH
VDD
VDD
J
C0
C1
VDD
VDD
PAR_IN
G
Q21
Q10
GND
GND
D21
D10
M
Q22
Q11
VDD
VDD
D22
D11
N
Q23
Q12
GND
GND
D23
D12
P
5
4
3
2
1
6
Q2B
Q2A
GND
GND
NC
D2
B
Q3B
Q3A
VDD
VDD
NC
D3
C
Q5B
Q5A
VDD
VDD
NC
D5
E
Q6B
Q6A
GND
GND
NC
D6
F
Q8B
Q9B
QCSB
GND
GND
CK
H
QODTB
QODTA
GND
GND
DODT
D
QCKEB
QCKEA
VDD
VREF
PPO
DCKE
Q13B
Q14B
ZOL
ZOH
VDD
VDD
J
C0
C1
VDD
VDD
PAR_IN
G
Q10B
Q11B
Q12B
5
Q8A
Q9A
Q13A
Q14A
Q10A
Q11A
Q12A
4
VDD
GND
VDD
GND
VDD
GND
VDD
3
VREF
GND
VDD
GND
VDD
GND
VDD
2
NC
NC
NC
NC
NC
NC
NC
1
D8
D9
D10
D11
D12
D14
D13
A
K
L
M
N
P
R
T
QCSA
DCS
QERR
CSR
CK
RST
6
5
2
14
3
Q13B
Q13A
NC
D13
VDD
VDD
R
Q10B
Q10A
NC
D10
GND
GND
M
Q9B
Q9A
NC
D9
VDD
VDD
L
Q8B
Q8A
NC
D8
GND
GND
K
QCSB
QCSA
CK
GND
GND
H
Q6B
Q6A
NC
D6
GND
GND
F
Q5B
Q5A
NC
D5
VDD
VDD
E
ZOL
ZOH
VDD
VDD
J
QODTB
QODTA
NC
DODT
VDD
VDD
N
QCKEB
QCKEA
NC
DCKE
VDD
VREF
T
Q4B
Q4A
D4
GND
GND
D
Q3B
Q3A
NC
D3
VDD
VDD
C
Q2B
Q2A
NC
D2
GND
GND
B
Q1B
Q1A
PPO
D1
VDD
VREF
A
C0
C1
PAR_IN
VDD
VDD
G
Q12B
Q12A
NC
D12
GND
GND
P
DCS
QERR
CSR
CK
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com