Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUB32866B Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ICSSSTUB32866B
Description  25-Bit Configurable Registered Buffer for DDR2
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32866B Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICSSSTUB32866B Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 17Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 18Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 19Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 20Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 21Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 22Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 23Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
ICSSSTUB32866B
Advance Information
1165A—3/21/07
Recommended Operating Conditions
PARAMETER
MIN
TYP
MAX
UNITS
VDDQ
1.7
1.8
1.9
VREF
0.49 x VDD
0.5 x VDD
0.51 x VDD
VTT
VREF - 0.04
VREF
VREF + 0.04
VI
Input Voltage
0
VDDQ
VIH (DC)
DC Input High Voltage
VREF + 0.125
VIH (AC)
AC Input High Voltage
VREF + 0.250
VIL (DC)
DC Input Low Voltage
VREF - 0.125
VIL (AC)
AC Input Low Voltage
VREF - 0.250
VIH
Input High Voltage Level
0.65 x VDDQ
VIL
Input Low Voltage Level
0.35 x VDDQ
VICR
Common mode Input Range
0.675
1.125
VID
Differential Input Voltage
0.600
IOH
-8
IOL
8
TA
070
°C
1Guaranteed by design, not 100% tested in production.
mA
Note:
RST and Cn inputs must be helf at valid logic levels (not floating) to ensure proper device operation. The
differential inputs must not be floating unless
RST is low.
V
DESCRIPTION
I/O Supply Voltage
Reference Voltage
Operating Free-Air Temperature
RST,
C0, C1
CK,
CK
Low-Level Output Current
Termination Voltage
High-Level Output Current
Data Inputs
Absolute Maximum Ratings
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 2.5V
Input Voltage
1,2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-0.5V to +2.5V
Output Voltage
1,2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-0.5V to VDD + 0.5V
Input Clamp Current . . . . . . . . . . . . . . . . . . . . ±50 mA
Output Clamp Current . . . . . . . . . . . . . . . . . . . ±50mA
Continuous Output Current . . . . . . . . . . . . . . . ±50mA
VDD or GND Current/Pin . . . . . . . . . . . . . . . . ±100mA
Package Thermal Impedance
3
. . . . . . . . . . . . . . .
36°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Notes:
1. The input and output negative voltage
ratings may be excluded if the input
and output clamp ratings are observed.
2. This value is limited to 2.5V maximum.
3. The package thermal impedance is
calculated
in
accordance
with
JESD 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com