Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM6210A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IPM6210A
Description  Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPM6210A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IPM6210A Datasheet HTML 7Page - Renesas Technology Corp IPM6210A Datasheet HTML 8Page - Renesas Technology Corp IPM6210A Datasheet HTML 9Page - Renesas Technology Corp IPM6210A Datasheet HTML 10Page - Renesas Technology Corp IPM6210A Datasheet HTML 11Page - Renesas Technology Corp IPM6210A Datasheet HTML 12Page - Renesas Technology Corp IPM6210A Datasheet HTML 13Page - Renesas Technology Corp IPM6210A Datasheet HTML 14Page - Renesas Technology Corp IPM6210A Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IPM6210A
FN9033 Rev 1.00
Page 13 of 15
Aug 2001
initial voltage drop after a transient. In most cases, multiple
electrolytic capacitors of small case size perform better than a
single large case capacitor.
MOSFET Selection and Considerations
Requirements for the upper and lower MOSFETs are different
in mobile applications. The reason for that is the 10:1
difference in conduction time of the lower and the upper
MOSFETs driven by a difference between the input voltage
which is nominally in the range from 8V to 20V, while nominal
output voltage is about 1.5V.
Requirements for the lower MOSFET are simpler than those
to the upper one. The lower the rDS(ON) of this device, the
lower the conduction losses, the higher the converter’s
efficiency. Switching losses and gate drive losses are not
significant because of zero-voltage switching conditions
inherent for this device in the buck converter. Low reverse
recovery charge of the body diode is important because it
causes shoot-trough current spikes when the upper MOSFET
turns on. Also, important is to verify that the lower MOSFET
gate voltage does not reach threshold when high dV/dt
transition occurs on the phase node. To minimize this effect,
IPM6210A has a low, 0.8
 typical, low side driver pull-down
resistance.
Requirements to the upper MOSFET rDS(ON) are less stringent
than to the lower MOSFET because its conduction time is
significantly shorter so switching losses can dominate especially
at higher input voltages. It is recommended to have equal
conduction and switching losses in the upper MOSFET at the
nominal input voltage and load current. Then the maximum of
the converter efficiency is tuned to the operating point where it is
most desired. Also, this provides the most cost effective solution.
Precise calculation of power dissipation in the MOSFETs is
very complex because many parameters affecting turn-on and
turn-off times such as gate reverse transfer charge, gate
internal resistance, body diode reverse recovery charge,
package and layout impedances and their variation with the
operation conditions are not available to a designer. The
following equations are provided only for rough estimation of
the power losses and should be accompanied by a detailed
breadboard evaluation. Attention should be paid to the input
voltage extremes where power dissipation in the MOSFETs is
usually higher.
Table 2 provides some component information for several
typical applications.
Layout Considerations
Switching converters, even during normal operation, produce
short pulses of current which could cause substantial ringing
and be a source of EMI pollution if layout constrains are not
observed.
There are two sets of critical components in a DC-DC
converter. The switching power components process large
amounts of energy at high rate and though, usually appear to
be a source of a noise, end a low power components
responsible for bias and feedback functions, though appear to
be mainly recipients of the noise. The situation with the
IPM6210A control IC is even more critical as it provides control
functions for two independent converters and poor layout
design could lead to cross talk between the converters and
result in degradation in the performance.
A multi-layer printed circuit board is recommended.
Dedicate one solid layer for a ground plane. Dedicate another
solid layer as a power plane and break this plane into smaller
island of common voltage levels.
Notice all the nodes that are subjected to high dV/dt voltage
swing as PHASE1,2 nodes, for example. All surrounding
circuitry will tend to couple the noise from these nodes trough
stray capacitance. Do not oversize copper traces connected to
these nodes. Do not place traces connected to the feedback
components adjacent to these traces.
Keep the wiring traces from the control IC to the MOSFET gate
and source as short as possible and capable to handle peak
currents up to 2A. Minimize the area within the gate-source
path to reduce stray inductance and eliminate parasitic ringing
at the gate.
Locate small critical components like the soft-start capacitor
and current sense resistors as close, as possible to the
respective pins of the IC.
PUPPER
Io2 rDS ON
 VOUT

VIN
-----------------------------------------------------------
Io VINxFs ton toff
+
2
----------------------------------------------------------------
+
=
PLOWER
Io2 rDS ON

1
VOUT
VIN
----------------
–



=
TABLE 2
COMPONENT
CIRCUIT 1
CIRCUIT 2
CIRCUIT 3
Maximum
CPU Current
8.0A
12.0A
18.0A
Inductor
2.0
H
Panasonic
ETQP6F2R0BFA
1.0
H
Panasonic
ETQP6F2R0BFA
0.8
H
Panasonic
ETQP6F2R0BFA
Output
Capacitor
3x270
F
Panasonic
EEFUE0D271R
or
Sanyo
4x2R5TPC220M
5x270
F
Panasonic
EEFUE0D271R
or
Sanyo
6x2R5TPC220M
6x270
F
Panasonic
EEFUE0D271R
High-Side
MOSFET
HUF76112SK8
HUF76112SK8
2x
HUF76112SK8
Low-Side
MOSFET
ITF86130SK8T
2x
ITF86130SK8T
2x
ITF86130SK8T
Current-Input
Resistor for
~6% Droop At
VO = 1.6V
1.27k
1.00k
1.50k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com