Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5451 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M5451
Description  LED DISPLAY DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5451 Datasheet(HTML) 2 Page - STMicroelectronics

  M5451 Datasheet HTML 1Page - STMicroelectronics M5451 Datasheet HTML 2Page - STMicroelectronics M5451 Datasheet HTML 3Page - STMicroelectronics M5451 Datasheet HTML 4Page - STMicroelectronics M5451 Datasheet HTML 5Page - STMicroelectronics M5451 Datasheet HTML 6Page - STMicroelectronics M5451 Datasheet HTML 7Page - STMicroelectronics M5451 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
35 OUTPUT BUFFERS
1
18
19
20
24
VDD
35 LATCHES
35-BIT SHIFT REGISTER
21
22
23
RESET
LOAD
SERIAL
DATA
CLOCK
DATA ENABLE (M5450)
OUTPUT35
(M5451)
BRIGTHNESS
CONTROL
OUTPUT
BIT 34
OUTPUT
BIT 1
100k
Ω
BLOCK DIAGRAM (Figure 1)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
– 0.3 to 15
V
VI
Input Voltage
– 0.3 to 15
V
VO(off)
Off State Output Voltage
15
V
IO
Output Sink Current
40
mA
Ptot
Total Package Power Dissipation at 25
°C
at 85
°C
1
560
W
mW
Tj
Junction Temperature
150
°C
Top
Operating Temperature Range
– 25 to 85
°C
Tstg
Storage Temperature Range
– 65 to 150
°C
Stresses above those listed under "Absolute Maximum Ratings" may causes permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
FUNCTIONAL DESCRIPTION
Both the M5450 and the M5451 are specially desi-
gned to operate 4 or 5-digit alphanumeric displays
with minimal interface with the display and the data
source. Serial data transfer from the data source to
the display driver is accomplished with 2 signals,
serial data and clock. Using a format of a leading
"1" followed by the 35 data bits allows data transfer
without an additional load signal. The 35 data bits
are latched after the 36th bit is complete, thus
providing non-multiplexed, direct drive to the dis-
play.
Outputs change only if the serial data bits differ
from the previous time.
Display brightness is determined by control of the
output current LED displays.
A 1nF capacitor should be connected to brightness
control, pin 19, to prevent possible oscillations.
A block diagram is shown in figure 1. For the M5450
a DATA ENABLE is used instead of the 35th output.
The DATA ENABLE input is a metal option for the
M5450.
The output current is typically 20 times greater than
the current into pin 19, which is set by an external
variable resistor. There is an internal limiting resis-
tor of 400
Ω nominal value.
Figure 2 shows the input data format. A start bit of
logical "1" precedes the 35 bits of data. At the 36th
clock a LOAD signal is generated synchronously
with the high state of the clock, which loads the 35
bits of the shift registers into the latches.
M5450 - M5451
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com