Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5451 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M5451
Description  LED DISPLAY DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5451 Datasheet(HTML) 4 Page - STMicroelectronics

  M5451 Datasheet HTML 1Page - STMicroelectronics M5451 Datasheet HTML 2Page - STMicroelectronics M5451 Datasheet HTML 3Page - STMicroelectronics M5451 Datasheet HTML 4Page - STMicroelectronics M5451 Datasheet HTML 5Page - STMicroelectronics M5451 Datasheet HTML 6Page - STMicroelectronics M5451 Datasheet HTML 7Page - STMicroelectronics M5451 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CLOCK
DATA
300ns (min.)
100ns (min.)
DATA ENABLE
Figure 3
1.0
0.8
0.6
0.4
0.2
20
40
60
80
100
SAFE OPERATING
AREA
34 segments
V
= 1V
O
15mA/segment
P
(W)
tot
0
Tamb (˚C)
Figure 4
4
8
1216
2024
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
28
32
Tamb = 85˚C
T = 150˚C (max.)
j
20 segments
30 segments
34 segments
V
(V)
O
I
(mA)
LED
Figure 5
36
BIT 34
BIT 35
CLOCK
DATA
LOAD
(INTERNAL)
RESET
(INTERNAL)
START
BIT 1
1
Figure 2 : Input Data Format
48
12
16 20
24
28 32
36 40
0
45
65
85
105
I (mA)
0
T
= 85˚C
amb
N˚ Segm.
5
25
V
V
V
O
O
O
= 1V
= 1.5V
= 2V
IO (max.) = 40mA
Figure 6
M5450 - M5451
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com