Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA78L02ACLP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L02ACLP
Description  UA78L Series Positive-Voltage Linear Regulators
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L02ACLP Datasheet(HTML) 13 Page - Texas Instruments

Back Button UA78L02ACLP Datasheet HTML 9Page - Texas Instruments UA78L02ACLP Datasheet HTML 10Page - Texas Instruments UA78L02ACLP Datasheet HTML 11Page - Texas Instruments UA78L02ACLP Datasheet HTML 12Page - Texas Instruments UA78L02ACLP Datasheet HTML 13Page - Texas Instruments UA78L02ACLP Datasheet HTML 14Page - Texas Instruments UA78L02ACLP Datasheet HTML 15Page - Texas Instruments UA78L02ACLP Datasheet HTML 16Page - Texas Instruments UA78L02ACLP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
6.13 Electrical Characteristics: UA78L15 (for both legacy and new chip) (continued)
at specified junction temperature, VI = 23 V, CIN = 0.33 µF, COUT = 0.1µF and IO = 40 mA (unless otherwise noted) (1)
PARAMETER
TEST CONDITIONS (2)
MIN
TYP
MAX
UNIT
Dropout voltage
TJ = 25°C
for legacy chip
1.7
V
for new chip
1.7
Bias current
TJ = 25°C
for legacy chip
4.6
6.5
mA
TJ = 125°C
6
TJ = 25°C
for new chip
4.1
4.670
TJ = 125°C
4.675
Bias current change
TJ = 0°C to 125°C
VI = 10 V to 30 V
legacy chip
1.5
mA
IO = 1 mA to 40 mA
UA78L15C (legacy
chip)
0.2
UA78L15AC
(legacy chip)
0.1
TJ = -40°C to 125°C
VI = 20 V to 30 V
new chip
0.425
IO = 1 mA to 40 mA
UA78L15C (new
chip)
0.01
UA78L15AC (new
chip)
0.02
(1)
Applies to UA78L15C and UA78L15AC.
(2)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. For legacy
chip, temperature range for the UA78L15C, UA78L15AC is TJ = 0°C to 125°C. For new chip, temperature range for the UA78L15C and
UA78L15AC is TJ = –40°C to 125°C.
www.ti.com
UA78L
SLVS010W – JANUARY 1976 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: UA78L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com